Electronic Components Datasheet Search
  English  ▼

X  

TMP461-SP Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TMP461-SP
Description  Radiation Hardened Remote and Local Digital Temperature Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP461-SP Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMP461-SP Datasheet HTML 22Page - Texas Instruments TMP461-SP Datasheet HTML 23Page - Texas Instruments TMP461-SP Datasheet HTML 24Page - Texas Instruments TMP461-SP Datasheet HTML 25Page - Texas Instruments TMP461-SP Datasheet HTML 26Page - Texas Instruments TMP461-SP Datasheet HTML 27Page - Texas Instruments TMP461-SP Datasheet HTML 28Page - Texas Instruments TMP461-SP Datasheet HTML 29Page - Texas Instruments TMP461-SP Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
16
Average Conversion Current
15 ms
240 $
s
16
15 ms
400 $
s
16
15 $
PV
PV
s
161 $
§
·
˜
¨
¸
©
¹
§
·
˜
˜
¨
¸
©
¹
ª
º
§
·
˜
˜
«
»
¨
¸
©
¹
¬
¼
26
TMP461-SP
SBOS876A – SEPTEMBER 2017 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: TMP461-SP
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Application (continued)
(7)
The temperature measurement accuracy of the TMP461-SP device depends on the remote and local
temperature sensor being at the same temperature as the system point being monitored. If the temperature
sensor is not in good thermal contact with the part of the system being monitored, then there is a delay between
the sensor response and the system changing temperature. This delay is usually not a concern for remote
temperature-sensing applications that use a substrate transistor (or a small, SOT23 transistor) placed close to
the device being monitored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com