Electronic Components Datasheet Search
  English  ▼

X  

OP913 Datasheet(PDF) 1 Page - TT Electronics.

Part # OP913
Description  PIN Silicon Photodiode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP913 Datasheet(HTML) 1 Page - TT Electronics.

  OP913 Datasheet HTML 1Page - TT Electronics. OP913 Datasheet HTML 2Page - TT Electronics. OP913 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PIN Silicon Photodiode
OP913 Series
© TT electronics plc
Issue A
08/2016
Page 1
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
OP913SL and OP913WSL consist of a PIN silicon photodiode mounted in a two-leaded TO-05 herme cally sealed package.
OP913SL has a dome lens with an acceptance angle of 10° when measured from the op cal axis to the half power point.
OP913WSL has a flat lens with an acceptance half angle of 30°. This large ac ve area allows very low light level detec on.
Please refer to Applica on Bulle ns 208 and 210 for addi onal design informa on and reliability (degrada on) data.
Applications:
• Non-contact reflec ve object sensor
• Assembly line automa on
• Machine automa on
• Machine safety
• End of travel sensor
• Door sensor
Features:
• TO-05 herme cally sealed package
• Linear response vs. irradiance
• Fast switching me
• Narrow receiving angle
• Enhanced temperature range
OP913SL
OP913WSL
Ordering Information
Part Number
Sensor
Viewing Angle
Lead Length
Photodiode
0.50”
OP913SL
20°
OP913WSL
80°
2
1
OP913SL, OP913WSL
Pin#
Sensor
1
Cathode
2
Anode
OP913SL, OP913WSL
INCHES
[MILLIMETERS]
DIMENSIONS ARE IN:
RoHS


Similar Part No. - OP913

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP913SL OPTEK-OP913SL Datasheet
280Kb / 2P
PIN Silicon Photodiodes Types OP913SL, OP913WSL
More results

Similar Description - OP913

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
Silicon PIN Photodiode
16-Nov-99
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
PIN SILICON PHOTODIODE
Dec-1998
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
Silicon PIN Photodiode
logo
OPTEK Technologies
OP906 OPTEK-OP906 Datasheet
500Kb / 2P
PIN Silicon Photodiode
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF_06 Datasheet
143Kb / 7P
Silicon PIN Photodiode
13-Nov-06
BPW24R VISHAY-BPW24R_08 Datasheet
144Kb / 5P
Silicon PIN Photodiode
11-Aug-08
BPW41N VISHAY-BPW41N_08 Datasheet
89Kb / 5P
Silicon PIN Photodiode
08-Sep-08
VBPW34S VISHAY-VBPW34S Datasheet
187Kb / 8P
Silicon PIN Photodiode
20-Apr-10
T330P VISHAY-T330P Datasheet
76Kb / 4P
Silicon PIN Photodiode
16-Jan-12
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
Silicon PIN Photodiode
09-Jan-14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com