Electronic Components Datasheet Search
  English  ▼

X  

OP993 Datasheet(PDF) 1 Page - TT Electronics.

Part # OP993
Description  Pin Silicon Photodiode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP993 Datasheet(HTML) 1 Page - TT Electronics.

  OP993 Datasheet HTML 1Page - TT Electronics. OP993 Datasheet HTML 2Page - TT Electronics. OP993 Datasheet HTML 3Page - TT Electronics. OP993 Datasheet HTML 4Page - TT Electronics. OP993 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Each OP993 and OP999 device consists of a PIN silicon photodiode molded in a dark blue injection molded shell package
that provides excellent optical and mechanical axis alignment, optical lens surface, control of chip placement and
consistency of the outside package dimensions.
OP993 has a TO-18 package style and a wide receiving angle that provides excellent on-axis coupling. OP999 has a T-1¾
package style and a narrow receiving angle that provides excellent on-axis coupling.
Both devices are 100% production tested for close correlation with OPTEK GaAIAs emitters.
Please refer to Application Bulletins 208 and 210 for additional design information and reliability (degradation) data.
Applications:
Non-contact reflective object sensor
Assembly line automation
Machine automation
 Choice of TO-18 (OP993) or T-1¾ package (OP999)
 Small package style ideal for space-limited applications
 Linear response vs. irradiance
 Fast switching time
 Choice of narrow or wide receiving angle
OP993
OP999
Ordering Information
Part
Number
Sensor
Viewing
Angle
Lead
Length
OP993
Photodiode
118°
0.75 min
OP999
Photodiode
18°
CONTAINS POLYSULFONE
To avoid stress cracking, we suggest using
ND Industries’ Vibra-Tite for thread-locking.
Vibra-Tite evaporates fast without causing
structural failure in OPTEK'S molded plastics.
Pin #
Sensor
1
Anode
2
Cathode
Pin #
Sensor
1
Cathode
2
Anode
1
2
OP993
OP993
OP999
INCHES
[MILLIMETERS]
DIMENSIONS ARE IN:
OP999
1
2
INCHES
[MILLIMETERS]
DIMENSIONS ARE IN:
Machine safety
End of travel sensor
Door sensor
RoHS


Similar Part No. - OP993

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP993 OPTEK-OP993 Datasheet
723Kb / 2P
PIN Sili con Pho todiode
Jun-1996
More results

Similar Description - OP993

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
Silicon PIN Photodiode
16-Nov-99
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
PIN SILICON PHOTODIODE
Dec-1998
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
Silicon PIN Photodiode
logo
OPTEK Technologies
OP906 OPTEK-OP906 Datasheet
500Kb / 2P
PIN Silicon Photodiode
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF_06 Datasheet
143Kb / 7P
Silicon PIN Photodiode
13-Nov-06
BPW24R VISHAY-BPW24R_08 Datasheet
144Kb / 5P
Silicon PIN Photodiode
11-Aug-08
BPW41N VISHAY-BPW41N_08 Datasheet
89Kb / 5P
Silicon PIN Photodiode
08-Sep-08
VBPW34S VISHAY-VBPW34S Datasheet
187Kb / 8P
Silicon PIN Photodiode
20-Apr-10
T330P VISHAY-T330P Datasheet
76Kb / 4P
Silicon PIN Photodiode
16-Jan-12
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
Silicon PIN Photodiode
09-Jan-14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com