Electronic Components Datasheet Search
  English  ▼

X  

OP993 Datasheet(PDF) 2 Page - TT Electronics.

Part # OP993
Description  Pin Silicon Photodiode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP993 Datasheet(HTML) 2 Page - TT Electronics.

  OP993 Datasheet HTML 1Page - TT Electronics. OP993 Datasheet HTML 2Page - TT Electronics. OP993 Datasheet HTML 3Page - TT Electronics. OP993 Datasheet HTML 4Page - TT Electronics. OP993 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Reverse Breakdown Voltage
60 V
Storage & Operating Temperature Range
-40° C to +100° C
Lead Soldering Temperature [1/16 inch (1.6 mm) from the case for 5 sec. with soldering iron]
260° C
(1)
Reverse Breakdown Voltage
60 V
Power Dissipation
100 mW
(2)
IL
Reverse Light Current
OP993
OP999
12.5
6.5
-
-
28.5
15
µA
VR = 5 V, EE = 1.7 mW/cm
2 (3)
VR = 5 V, EE = 0.25 mW/cm
2 (3)
ID
Reverse Dark Current
1
60
nA
VR = 30 V, EE = 0
(4)
V(BR)
Reverse Breakdown Voltage
60
V
IR = 100 μA
VF
Forward Voltage
1.2
V
IF = 1 mA
CT
Total Capacitance
4
pF
VR = 20 V, EE = 0, f = 1.0 MHz
tr
Rise Time
5
ns
VR = 20 V, λ = 850 nm, RL = 50 Ω
tf
Fall Time
5
Notes:
(1)
RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering. A maximum of 20 grams force may be
applied to leads when soldering.
(2)
Derate linearly 1.67 mW/° C above 25° C.
(3)
Light source is an unfiltered GaAIAs emitting diode operating at peak emission wavelength of 890 nm and EE(APT) of 1.7 mW/cm
2 for OP993
and 0.25mW/cm
2 for OP999 average within a 0.25” diameter aperture.
(4)
This dimension is held to within ± 0.005” on the flange edge and may vary up to ± 0.020” in the area of the leads.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com