Electronic Components Datasheet Search
  English  ▼

X  

IRMCS2031 Datasheet(PDF) 10 Page - International Rectifier

Part # IRMCS2031
Description  Complete Sensorless Drive Design Platform iMOTION Development System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2031 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRMCS2031 Datasheet HTML 6Page - International Rectifier IRMCS2031 Datasheet HTML 7Page - International Rectifier IRMCS2031 Datasheet HTML 8Page - International Rectifier IRMCS2031 Datasheet HTML 9Page - International Rectifier IRMCS2031 Datasheet HTML 10Page - International Rectifier IRMCS2031 Datasheet HTML 11Page - International Rectifier IRMCS2031 Datasheet HTML 12Page - International Rectifier IRMCS2031 Datasheet HTML 13Page - International Rectifier IRMCS2031 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
IRMCS2031
RS232C connector
IRMCS2031 has one serial RS232C connector (J6) on the board. The connector is D-sub 9 pin standard PC female
connector and directly connectable to PC serial port. As shown in Figure 8, pin2 is send signal and pin3 is receive
signal, and both are 10V signal level. The baud rate is fixed at 57.6kbps. The signal format is 8bit, no parity, 1 stop
bit configuration.
J6
DB9RF
1
2
3
4
5
6
7
8
9
No connection
RX1
TX1
Figure 5. RS232C connector
RS-232 Register Access
The IRMCK203 includes an RS-232 interface channel that provides a direct connection to the host PC. The software
interface combines a basic "register map" control interface with a simple communication protocol to accommodate
potential communication errors. For more detailed information, please refer to IRMCx201 Application Development
Guide.doc
RS-232 Register Write Access
A Register write operation consists of a command/address byte, byte count, register data and checksum. When the
IRMCK203 receives the register data, it validates the checksum, writes the register data, and transmits and
acknowledgement to the host.
Command / Address Byte
Byte Count
1-6 bytes of register data
Checksum
Register Write Operation
Command Acknowledgement Byte
Checksum
Register Write Acknowledgement
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com