Electronic Components Datasheet Search
  English  ▼

X  

MAX14866 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX14866
Description  16-Channel, High-Voltage Analog Switch without High-Voltage Supply Requirement
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14866 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX14866 Datasheet HTML 15Page - Maxim Integrated Products MAX14866 Datasheet HTML 16Page - Maxim Integrated Products MAX14866 Datasheet HTML 17Page - Maxim Integrated Products MAX14866 Datasheet HTML 18Page - Maxim Integrated Products MAX14866 Datasheet HTML 19Page - Maxim Integrated Products MAX14866 Datasheet HTML 20Page - Maxim Integrated Products MAX14866 Datasheet HTML 21Page - Maxim Integrated Products MAX14866 Datasheet HTML 22Page - Maxim Integrated Products MAX14866 Datasheet HTML 23Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Figure 5. Application Diagram
PROBE
A
TRANSDUCERS
2-4 per ch
HIGH-VOLTAGE TRANSMIT
64-128 ch
LOW-VOLTAGE RECEIVE
64-128 ch
PROBE SELECTION
2-4 probes
CABLE
1 per ch
MAINFRAME
PROBES
MAX14866
(4 SWITCHES ONLY 
ARE SHOWN)
± 100V max
±1V max
PROBE
B
PROBE
C
+V
-V
10mA typ
HIGH-
VOLTAGE
ISOLATION
RELAY
1 relay/ch/probe
SPI
+5V
COM1-4
NO1
NO2
NO3
NO4
MAX14866
16-Channel, High-Voltage Analog Switch
without High-Voltage Supply Requirement
www.maximintegrated.com
Maxim Integrated │ 21
Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com