Electronic Components Datasheet Search
  English  ▼

X  

MAX14866 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14866
Description  16-Channel, High-Voltage Analog Switch without High-Voltage Supply Requirement
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14866 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14866 Datasheet HTML 1Page - Maxim Integrated Products MAX14866 Datasheet HTML 2Page - Maxim Integrated Products MAX14866 Datasheet HTML 3Page - Maxim Integrated Products MAX14866 Datasheet HTML 4Page - Maxim Integrated Products MAX14866 Datasheet HTML 5Page - Maxim Integrated Products MAX14866 Datasheet HTML 6Page - Maxim Integrated Products MAX14866 Datasheet HTML 7Page - Maxim Integrated Products MAX14866 Datasheet HTML 8Page - Maxim Integrated Products MAX14866 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
(VCC = 5V ±5%, VDD = 1.7V to 5.5V. Typical values are VDD = +2.5V, VCC = 5V, TA = +25°C. Limits are 100% tested at TA = +85°C
and are guaranteed by design in the entire temperature range )
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Off-Isolation in Reception (RX)
VISORX
Ref. Test Circuit. ZL = 50Ω
-80
dB
Ref. Test Circuit. ZL = 1kΩ//15pF
-60
Crosstalk
VCT
Ref Test Circuit. RX and TX with
switches open or closed
-62
dB
SW_ Off-Capacitance
Small-Signal - NO Pin
CSW_(OFF)
f = 5MHz, 100mVPK on NO pin
7.7
pF
SW_ On-Capacitance
Small-Signal
CSW_ (ON)
f = 5MHz, 100mVPK
33
pF
SW_Off-Capacitance
Small-Signal - COM Pin
CSW_(OFF)
f = 5MHz, 100mVPK on COM pin
11
pF
SW_ Off-Capacitance
Large-Signal - COM Pin
CSW_(OFF)
f = 5MHz, 100VPK on COM pin
11
pF
SW_ On-Capacitance
Large-Signal
CSW_ (ON)
f = 5MHz, 100VPK
16
pF
Charge Injection
QCH
Ref. Test Circuit
<100
pC
Output Voltage Spike
VSPK
Ref. Test Circuit
65
mVpkpk
Large-signal Analog Bandwidth
(-3dB)
fBW_L
CLOAD = 200pF, 60V amplitude
sinusoidal burst, 1% duty cycle
>50
MHz
Small-signal Analog Bandwidth
(-3dB)
fBW_S
CLOAD = 200pF, 100mV
amplitude sinusoidal signal
80
MHz
TIMING CHARACTERISTICS
2nd Harmonic Distortion HV
THD2
fOUT = 5MHz, Transmit
amplitude 200VPKPK square wave
(20 cycles), NO Load:
100Ω // 100pF
-45
dBc
Pulse Cancellation 1
Fundamental
PC1
fOUT_ = 1MHz - 5MHz, Transmit
amplitude 200VPKPK, 2 cycles.
Strength ratio of the strongest
spurious signal of the sum
function in the f0 ± f0/2 bandwidth
to the fundamental signal.
NO Load: 100Ω // 100pF
-40
dBc
Pulse Cancellation 2 Second
Harmonic
PC2
fOUT_ = 1MHz - 5MHz, Transmit
Amplitude 200VPKPK, 2 cycles.
Strength ratio of the strongest
spurious signal of the sum
function in the 2 x f0 ± f0/2
bandwidth to the fundamental
signal. NO Load: 100Ω // 100pF
-40
dBc
MAX14866
16-Channel, High-Voltage Analog Switch
without High-Voltage Supply Requirement
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com