Electronic Components Datasheet Search
  English  ▼

X  

PAA190 Datasheet(PDF) 1 Page - IXYS Corporation

Part # PAA190
Description  Dual Single-Pole, Normally Open OptoMOS짰 Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PAA190 Datasheet(HTML) 1 Page - IXYS Corporation

  PAA190 Datasheet HTML 1Page - IXYS Corporation PAA190 Datasheet HTML 2Page - IXYS Corporation PAA190 Datasheet HTML 3Page - IXYS Corporation PAA190 Datasheet HTML 4Page - IXYS Corporation PAA190 Datasheet HTML 5Page - IXYS Corporation PAA190 Datasheet HTML 6Page - IXYS Corporation PAA190 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-PAA190-R04
1
PAA190
Dual Single-Pole, Normally Open
OptoMOS® Relays
e3
Pb
Part #
Description
PAA190
8-Lead DIP (50/tube)
PAA190S
8-Lead Surface Mount (50/tube)
PAA190STR
8-Lead Surface Mount (1000/Reel)
Parameter
Rating
Units
Load Voltage
400
V
P
Load Current
150
mA
rms / mADC
On-Resistance (max)
22
Applications
Features
Description
Ordering Information
Pin Configuration
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket Size)
• Hook Switch
• Dial Pulsing
• Ground Start
• Ringing Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• 5000V
rms Input/Output Isolation
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Small 8-Pin Packages
• Machine Insertable, Wave Solderable
• Surface Mount Tape & Reel Version Available
Approvals
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004
Switching Characteristics
of Normally Open Devices
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
2
3
4
8
7
6
5
+ Control - Switch #1
– Control - Switch #1
+ Control - Switch #2
– Control - Switch #2
Load - Switch #1
Load - Switch #1
Load - Switch #2
Load - Switch #2
AC/DC Configuration
PAA190 is a dual 400V, 150mA, 22
 normally open
(1-Form-A) solid state relay that uses optically coupled
MOSFET technology to provide 5000V
rms of input to
output isolation.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
This performance leader provides high blocking
voltage handling capability and improved peak load
current handling.


Similar Part No. - PAA190

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PAA190 CLARE-PAA190 Datasheet
182Kb / 6P
Dual Single Pole OptoMOS Relays
logo
Littelfuse
PAA190 LITTELFUSE-PAA190 Datasheet
204Kb / 7P
400V, 150mA Dual Single-Pole
11/18/2025
logo
Clare, Inc.
PAA190S CLARE-PAA190S Datasheet
182Kb / 6P
Dual Single Pole OptoMOS Relays
logo
Littelfuse
PAA190S LITTELFUSE-PAA190S Datasheet
204Kb / 7P
400V, 150mA Dual Single-Pole
11/18/2025
logo
Clare, Inc.
PAA190STR CLARE-PAA190STR Datasheet
182Kb / 6P
Dual Single Pole OptoMOS Relays
More results

Similar Description - PAA190

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PAA132 CLARE-PAA132_1 Datasheet
137Kb / 6P
Dual Single-Pole OptoMOS짰 Relays
logo
IXYS Corporation
LAA125 IXYS-LAA125_12 Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
LAA126 IXYS-LAA126_12 Datasheet
123Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
LAA126L IXYS-LAA126L_12 Datasheet
105Kb / 5P
Dual Single-Pole, Normally Open OptoMOS Relays
LBA716 IXYS-LBA716_12 Datasheet
136Kb / 8P
Dual Single-Pole OptoMOS Relays Normally Open & Normally Closed
PLA171 IXYS-PLA171 Datasheet
119Kb / 6P
Single-Pole, Normally Open OptoMOS짰 Relay
PAA110 IXYS-PAA110 Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
PAA140 IXYS-PAA140 Datasheet
132Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
PAA150 IXYS-PAA150 Datasheet
115Kb / 5P
Dual Single-Pole, Normally Open OptoMOS Relays
PAA191 IXYS-PAA191 Datasheet
122Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com