Electronic Components Datasheet Search
  English  ▼

X  

PAA190 Datasheet(PDF) 2 Page - IXYS Corporation

Part # PAA190
Description  Dual Single-Pole, Normally Open OptoMOS짰 Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PAA190 Datasheet(HTML) 2 Page - IXYS Corporation

  PAA190 Datasheet HTML 1Page - IXYS Corporation PAA190 Datasheet HTML 2Page - IXYS Corporation PAA190 Datasheet HTML 3Page - IXYS Corporation PAA190 Datasheet HTML 4Page - IXYS Corporation PAA190 Datasheet HTML 5Page - IXYS Corporation PAA190 Datasheet HTML 6Page - IXYS Corporation PAA190 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R04
PAA190
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings @ 25ºC
Parameter
Ratings
Units
Blocking Voltage
400
V
P
Reverse Input Voltage
5
V
Input Control Current
50
mA
Peak (10ms)
1
A
Input Power Dissipation 1
150
mW
Total Power Dissipation 2
800
mW
Isolation Voltage, Input to Output
5000
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 1.33 mW / ºC
2 Derate linearly 6.67 mW / ºC
Electrical Characteristics @ 25ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Load Current *
Continuous, AC/DC Configuration
-
I
L
-
-
150
mA
rms / mADC
Peak
t=10ms
I
LPK
-
-
±400
mA
P
On-Resistance, AC/DC Configuration
I
L=150mA
R
ON
--
22
Off-State Leakage Current
V
L=400VP
I
LEAK
--
1
µA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
t
on
--
1
ms
Turn-Off
t
off
-
-
0.5
Output Capacitance
V
L=50V, f=1MHz
C
OUT
-25
-
pF
Input Characteristics
Input Control Current to Activate
I
L=150mA
I
F
--
5
mA
Input Control Current to Deactivate
-
I
F
0.2
0.7
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Common Characteristics
Capacitance, Input to Output
-
C
I/O
-3
-
pF
*NOTE: If both poles operate simultaneously, then load current must be derated in order not to exceed the package power dissipation value.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com