Electronic Components Datasheet Search
  English  ▼

X  

MAX3271 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3271
Description  3.3V, 2.5Gbps Low-Power Transimpedance Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3271 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3271 Datasheet HTML 1Page - Maxim Integrated Products MAX3271 Datasheet HTML 2Page - Maxim Integrated Products MAX3271 Datasheet HTML 3Page - Maxim Integrated Products MAX3271 Datasheet HTML 4Page - Maxim Integrated Products MAX3271 Datasheet HTML 5Page - Maxim Integrated Products MAX3271 Datasheet HTML 6Page - Maxim Integrated Products MAX3271 Datasheet HTML 7Page - Maxim Integrated Products MAX3271 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
+3.3V, 2.5Gbps Low-Power
Transimpedance Amplifier
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +3.6V, TA = -40°C to +85°C. Typical values are at VCC = +3.3V, source capacitance = 0.85pF, TA = +25°C, unless
otherwise noted.) (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Power-Supply Voltage (VCC) ................................-0.5V to +6.0V
Input Current (IN) ..................................................-4mA to +4mA
FILTER Current ................................…………..-12mA to +12mA
Voltage at OUT+, OUT- ..................(VCC - 1.5V) to (VCC + 0.5V)
Operating Junction
Temperature Range (TJ) ............……………-55°C to +150°C
Storage Ambient Temperature Range (Tstg) ....-55°C to +150°C
Die Attach Temperature ..................................................+400°C
Note 1: Production test at room ambient temperature only. Die parameters are guaranteed by design and characterization at -40°C
and +85°C.
Note 2: Source capacitance represents the total capacitance at the IN pad during characterization of the noise and bandwidth
parameters.
Note 3: Guaranteed by design and characterization.
Note 4: Input-referred noise density is IN/
√BW. No external filters are used for the noise measurements.
Note 5: Deterministic jitter is measured with a K28.5 pattern (0011 1110 1011 0000 0101).
Note 6: Power-supply noise rejection PSNR = -20log(
∆VOUT/∆VCC), where ∆VOUT is the differential output voltage and ∆VCC is the
noise on VCC.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Bias Voltage
0.66
0.83
1.1
V
Power-Supply Current
ICC
25
35
mA
Transimpedance
40µAp-p input, differential out
2.1
2.8
3.4
k
Ω
Small-Signal Bandwidth
BW
(Note 3)
1.5
2
GHz
Output Impedance
Single-ended
42
50
58
Ω
Maximum Differential Output Swing
Input = 1mAp-p
185
300
430
mVp-p
Filter Resistor
750
Ω
AC Input Overload
(Note 3)
2.0
mAp-p
DC Input Overload
(Note 3)
1.0
mA
Input-Referred Noise
IN
(Note 3)
495
655
nARMS
Input-Referred Noise Density
(Note 4)
11
pA/
√Hz
Low-Frequency Cutoff
-3dB, input
≤ 20µA DC
50
kHz
Transimpedance Linear Range
0.95
≤ linearity ≤ 1.05 (Note 3)
40
µAp-p
10µAp-p input
18
40
Deterministic Jitter
DJ
(Notes 3, 5)
20µAp-p
≤ input ≤ 2mAp-p
12
30
psp-p
Power-Supply Noise Rejection
PSNR
∆VCC = 100mVp-p, f < 2MHz (Note 6)
36
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com