Electronic Components Datasheet Search
  English  ▼

X  

MAX20313 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX20313
Description  Adjustable Current Limit (500mA to 6A)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20313 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX20313 Datasheet HTML 1Page - Maxim Integrated Products MAX20313 Datasheet HTML 2Page - Maxim Integrated Products MAX20313 Datasheet HTML 3Page - Maxim Integrated Products MAX20313 Datasheet HTML 4Page - Maxim Integrated Products MAX20313 Datasheet HTML 5Page - Maxim Integrated Products MAX20313 Datasheet HTML 6Page - Maxim Integrated Products MAX20313 Datasheet HTML 7Page - Maxim Integrated Products MAX20313 Datasheet HTML 8Page - Maxim Integrated Products MAX20313 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX20313–MAX20316 programmable current-limit
switches feature internal current limiting to prevent damage
to host devices due to faulty load conditions. These
current-limit switches feature a low, 10mΩ (typ) on-
resistance and operate from a +2.5V to +5.5V input voltage
range. The current limit is adjustable from 500mA to 6A,
making these devices ideal for charging a large load
capacitor and for high-current load-switching applications.
The MAX20313 and MAX20315 feature a continuous
current-limit mode during an overcurrent event. The
MAX20314 and MAX20316 feature a latchoff mode during
an overcurrent event. Additional safety features include
thermal shutdown protection to prevent overheating and
reverse current blocking to prevent current from being
driven back into the source.
The devices are available in a 12-bump (0.4mm pitch,
1.68mm x 1.48mm) wafer-level package (WLP) and operate
over the -40°C to +85°C extended temperature range.
Benefits and Features
● Reliable Protection
• Adjustable Current Limit (500mA to 6A)
• Accurate ±5% Overload Current Limit (2A to 6A)
• Current Monitoring
• Low RON 10mΩ (typ)
• Reverse Current Protection
• Short-Circuit Protection
• Thermal Shutdown Protection
● Space Saving
• 12-Bump 0.4mm Pitch 1.68mm x 1.48mm WLP
Applications
● RF Power Amplifiers in Cell Phones
● USB Ports
● Data Modem Cards
● Portable Media Players
● UTCA/ATCA Platforms
● SDXC Card Power Supply Protection
Ordering Information appears at end of data sheet.
19-100072; Rev 0; 6/17
MAX20313–MAX20316
500mA to 6A Adjustable
Current-Limit Switches


Similar Part No. - MAX20313

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20313 MAXIM-MAX20313 Datasheet
715Kb / 14P
500mA to 6A Adjustable Current-Limit Switches
2019
MAX20313EVKIT MAXIM-MAX20313EVKIT Datasheet
797Kb / 7P
2.5V to 5.5V Operating Voltage Range
Rev 0; 12/16
MAX20313EWC+T MAXIM-MAX20313EWC+T Datasheet
715Kb / 14P
500mA to 6A Adjustable Current-Limit Switches
2019
MAX20313 MAXIM-MAX20313_V01 Datasheet
715Kb / 14P
500mA to 6A Adjustable Current-Limit Switches
2019
More results

Similar Description - MAX20313

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1970 LINER-LT1970 Datasheet
233Kb / 12P
500mA Power Op Amp with Adjustable Precision Current Limit
logo
Maxim Integrated Produc...
MAX4795 MAXIM-MAX4795 Datasheet
234Kb / 9P
450mA/500mA Current-Limit Switches
Rev 0; 8/03
logo
Linear Technology
LT1970 LINER-LT1970_1 Datasheet
548Kb / 24P
500mA Power Op Amp with Adjustable Precision Current Limit
logo
Maxim Integrated Produc...
MAX14523A MAXIM-MAX14523A_11 Datasheet
349Kb / 11P
250mA to 1.5A, Adjustable Current-Limit Switches
Rev 1; 1/11
logo
Linear Technology
LT1970A LINER-LT1970A Datasheet
264Kb / 24P
500mA Power Op Amp with Adjustable Precision Current Limit
LT1970A LINER-LT1970A_15 Datasheet
271Kb / 24P
500mA Power Op Amp with Adjustable Precision Current Limit
LT1970 LINER-LT1970_15 Datasheet
273Kb / 26P
500mA Power Op Amp with Adjustable Precision Current Limit
logo
Maxim Integrated Produc...
MAX20314 MAXIM-MAX20314 Datasheet
653Kb / 14P
500mA to 6A Adjustable Current-Limit Switches
Rev 0; 6/17
logo
ON Semiconductor
NCV47710 ONSEMI-NCV47710_17 Datasheet
129Kb / 12P
Adjustable LDO Adjustable Current Limit
July, 2017 ??Rev. 2
logo
Maxim Integrated Produc...
MAX20313 MAXIM-MAX20313_V01 Datasheet
715Kb / 14P
500mA to 6A Adjustable Current-Limit Switches
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com