Electronic Components Datasheet Search
  English  ▼

X  

MAX20313 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX20313
Description  Adjustable Current Limit (500mA to 6A)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20313 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX20313 Datasheet HTML 1Page - Maxim Integrated Products MAX20313 Datasheet HTML 2Page - Maxim Integrated Products MAX20313 Datasheet HTML 3Page - Maxim Integrated Products MAX20313 Datasheet HTML 4Page - Maxim Integrated Products MAX20313 Datasheet HTML 5Page - Maxim Integrated Products MAX20313 Datasheet HTML 6Page - Maxim Integrated Products MAX20313 Datasheet HTML 7Page - Maxim Integrated Products MAX20313 Datasheet HTML 8Page - Maxim Integrated Products MAX20313 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Figure 1. Timing Diagram for Measuring Turn-On Time and Turn-Off Time
Figure 2. Latchoff Fault Diagram
tON
tOFF
VOUT
10% VIN
90% VIN
EN
tBLANK
tBLANK
FLAG
OUT
CURRENT LIMIT
LOAD CURRENT
THE DEVICE GOES TO
THERMAL-SHUTDOWN MODE
MAX20313–MAX20316
500mA to 6A Adjustable
Current-Limit Switches
www.maximintegrated.com
Maxim Integrated │ 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com