Electronic Components Datasheet Search
  English  ▼

X  

MAX4282ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4282ESA
Description  SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4282ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4282ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4282ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4282ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4282ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4282ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4282ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4282ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4282ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4282ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SOT23, Rail-to-Rail, Fixed-Gain
GainAmps/Open-Loop Op Amps
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(VCC = +5V, RL = 100kΩ to VCC / 2, small-signal VOUT = 100mVp-p, large-signal VOUT = 1Vp-p, TA = +25°C, unless otherwise noted.)
2
µs/div
CL = 0
INPUT
VOLTAGE
AV = +1.25V/V
OUTPUT
500mV/div
AV = +3V/V
OUTPUT
50mV/div
AV = +5V/V
OUTPUT
500mV/div
AV = +10V/V
OUTPUT
500mV/div
AV = +25V/V
OUTPUT
500mV/div
AV = +51V/V
OUTPUT
500mV/div
LARGE-SIGNAL PULSE RESPONSE
2
µs/div
CL = 0
INPUT
VOLTAGE
AV = +1.25V/V
OUTPUT
50mV/div
AV = +3V/V
OUTPUT
50mV/div
AV = +5V/V
OUTPUT
50mV/div
AV = +10V/V
OUTPUT
50mV/div
AV = +25V/V
OUTPUT
50mV/div
AV = +51V/V
OUTPUT
50mV/div
SMALL-SIGNAL PULSE RESPONSE
MAX4174/MAX4175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com