Electronic Components Datasheet Search
  English  ▼

X  

MAX4282ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4282ESA
Description  SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4282ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4282ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4282ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4282ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4282ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4282ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4282ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4282ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4282ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4282ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SOT23, Rail-to-Rail, Fixed-Gain
GainAmps/Open-Loop Op Amps
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—MAX4174/MAX4175/MAX4274/MAX4275 Fixed-Gain
Amplifiers (continued)
(VCC = +2.5V to +5.5V, VEE = 0, VIN+ = VIN- = VCC / 2, RL to VCC / 2, RL = open, TA = TMIN to TMAX, unless otherwise noted. Typical
Gain = +5V/V
Gain = +3V/V
Gain = +1.25V/V
No sustained oscillations
f = 10kHz (Note 5)
Output settling to 1%
CONDITIONS
970
970
1700
pF
470
CLOAD
Capacitive Load Stability
nV/
√Hz
90
en
Input Noise Voltage Density
ms
1
Power-Up Time
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VCC = 5V, VOUT = 4V step
V/µs
0.7
SR
Slew Rate
Gain = +51V/V
Gain = +25V/V
Gain = +10V/V
kHz
330
BW-3dB
-3dB Bandwidth
590
640
f = 10kHz
fA/
√Hz
4
in
Input Noise Current Density
VCC = 5V, VOUT = 4V step
µs
7
Settling Time to Within
0.01%
(VEE + 25mV) < VOUT < (VCC - 25mV),
RL = 100kΩ (Note 6)
%
0.1
0.5
DC Gain Accuracy
ELECTRICAL CHARACTERISTICS—MAX4281/MAX4282/MAX4284 Open-Loop Op Amps
(VCC = +2.5V to +5.5V, VEE = 0, VIN+ = VIN- = VCC / 2, RL to VCC / 2, RL = open, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at VCC = +5V and TA = +25°C.) (Note 1)
Guaranteed by CMRR test
V
VEE - 0.15
VCC - 1.2
Guaranteed by PSRR tests
CMVR
Common-Mode Input
Voltage Range
Differential or common mode
CONDITIONS
RIN
Input Resistance
M
Ω
1000
V
2.5
5.5
VCC
Supply Voltage Range
±10
±1000
nA
±0.05
±10
IBIAS
Input Bias Current
µV/°C
Input Offset Voltage Drift
±5
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
pA
IOS
Input Offset Current
VCC = 3V
µA
290
450
ICC
Supply Current
(per Amplifier)
RL = 100kΩ
mV
±0.5
±2
VOS
Input Offset Voltage
VCC = 5V
µA
320
500
CIN
Input Capacitance
pF
2.5
VEE - 0.15V ≤ VCM ≤ VCC - 1.2V
dB
60
90
CMRR
Common-Mode Rejection
Ratio
VCC = 2.5V to 5.5V
dB
70
90
PSRR
Power-Supply Rejection
Ratio
AV = 1V/V
Ω
0.02
ROUT
Closed-Loop Output
Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com