Electronic Components Datasheet Search
  English  ▼

X  

MAX77812 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX77812
Description  Quad-Phase, 20A Max, Configurable Buck Regulator
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77812 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX77812 Datasheet HTML 17Page - Maxim Integrated Products MAX77812 Datasheet HTML 18Page - Maxim Integrated Products MAX77812 Datasheet HTML 19Page - Maxim Integrated Products MAX77812 Datasheet HTML 20Page - Maxim Integrated Products MAX77812 Datasheet HTML 21Page - Maxim Integrated Products MAX77812 Datasheet HTML 22Page - Maxim Integrated Products MAX77812 Datasheet HTML 23Page - Maxim Integrated Products MAX77812 Datasheet HTML 24Page - Maxim Integrated Products MAX77812 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
(VSYS = 3.8V, VOUT = 0.85V, IOUT = 0A, CE = high, PH_CFG0 = PH_CFG1 = PH_CFG2 = 0, FPWM = 0, LPM = 0, ETR = 0,
TA = +25°C, unless otherwise noted.)
200mV/div
10V/div
toc15k
20µs/div
VOUT
DYNAMIC VOLTAGE SCALING
LX4
LX3
LX1
10V/div
10V/div
VOUT= 1.12V-0.8V 40mV/µs
FSREN = 1, FPWM = 0
200mV/div
10V/div
toc15h
500µs/div
VOUT
DYNAMIC VOLTAGE SCALING
LX4
LX3
LX1
10V/div
10V/div
VOUT= 1.12-0.8V 1.25mV/µs
FSREN = 0
FPWM = 0
10mV/div
5V/div
toc16b
200µs/div
VOUT
IOUT
LOAD TRANSIENT
LX1
10A/div
IOUT= 0A-5A, 0.5A/µs, FPWM = 1
200mV/div
10V/div
toc15i
50µs/div
VOUT
DYNAMIC VOLTAGE SCALING
LX4
LX3
LX1
10V/div
10V/div
VOUT= 1.12V-0.8V 5mV/µs
FSREN = 1
FPWM = 0
20mV/div
5V/div
toc16c
200µs/div
VOUT
IOUT
LOAD TRANSIENT
LX1
10A/div
IOUT= 0A-10A, 0.5A/µs, FPWM = 0
200mV/div
10V/div
toc15j
500µs/div
VOUT
DYNAMIC VOLTAGE SCALING
LX4
LX3
LX1
10V/div
10V/div
VOUT= 1.12V-0.8V 5mV/µs
FSREN = 0
FPWM = 0
10mV/div
5V/div
toc16d
200µs/div
VOUT
IOUT
LOAD TRANSIENT
LX1
10A/div
IOUT= 0A-10A, 0.5A/µs, FPWM = 1
200mV/div
10V/div
toc15l
500µs/div
VOUT
DYNAMIC VOLTAGE SCALING
LX4
LX3
LX1
10V/div
10V/div
VOUT= 1.12V-0.8V 40mV/µs
FSREN = 0
FPWM = 0
20mV/div
5V/div
toc16a
200µs/div
VOUT
IOUT
LOAD TRANSIENT
LX1
10A/div
IOUT = 0-5A, 0.5A/µs, FPWM = 0
Maxim Integrated │ 21
www.maximintegrated.com
MAX77812
Quad-Phase, 20A Max, Configurable
Buck Regulator
Typical Operating Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com