Electronic Components Datasheet Search
  English  ▼

X  

MAX77812 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX77812
Description  Quad-Phase, 20A Max, Configurable Buck Regulator
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77812 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX77812 Datasheet HTML 1Page - Maxim Integrated Products MAX77812 Datasheet HTML 2Page - Maxim Integrated Products MAX77812 Datasheet HTML 3Page - Maxim Integrated Products MAX77812 Datasheet HTML 4Page - Maxim Integrated Products MAX77812 Datasheet HTML 5Page - Maxim Integrated Products MAX77812 Datasheet HTML 6Page - Maxim Integrated Products MAX77812 Datasheet HTML 7Page - Maxim Integrated Products MAX77812 Datasheet HTML 8Page - Maxim Integrated Products MAX77812 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
(VSYS = VINx = +3.8V, VVIO = +1.8V, TA = -40°C to +85°C, typical values are at TA = +25°C, unless otherwise noted.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
No Load Supply Current in Skip
Mode
ISKIP1
4-phase configuration
(no switching)
150
µA
ISKIP2
3 + 1-phase configuration
(no switching)
250
ISKIP3
2 + 2-phase configuration
(no switching)
250
ISKIP4
2 + 1 + 1-phase configuration
(no switching)
350
ISKIP5
1 + 1 + 1 + 1-phase configuration
(no switching)
460
690
No Load Supply Current in Skip
Mode with ETR
ISKIP_ETR1
4-phase configuration
(no switching, ETR enabled)
180
µA
ISKIP_ETR2
3 + 1-phase configuration
(no switching, ETR enabled)
310
ISKIP_ETR3
2 + 2-phase configuration
(no switching, ETR enabled)
310
ISKIP_ETR4
2 + 1 + 1-phase configuration
(no switching, ETR enabled)
440
ISKIP_ETR5
1 + 1 + 1 + 1-phase configuration
(no switching, ETR enabled)
580
870
VSYS UNDERVOLTAGE LOCKOUT
VSYS Undervoltage Lockout
Threshold
VUVLO_R
VSYS rising
2.375
2.50
2.625
V
VUVLO_F
VSYS falling (default)
2.15
THERMAL PROTECTION
Thermal Protection Threshold
TSHDN
TJ rising, 15°C hysteresis
165
°C
Thermal Interrupt at 120°C
TINT120
TJ rising, 15°C hysteresis
120
°C
Thermal Interrupt at 140°C
TINT140
TJ rising, 15°C hysteresis
140
°C
MAX77812
Quad-Phase, 20A Max, Configurable
Buck Regulator
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)
Top-Level Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com