Electronic Components Datasheet Search
  English  ▼

X  

AD9874BST Datasheet(PDF) 35 Page - Analog Devices

Part # AD9874BST
Description  IF Digitizing Subsystem
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9874BST Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9874BST Datasheet HTML 31Page - Analog Devices AD9874BST Datasheet HTML 32Page - Analog Devices AD9874BST Datasheet HTML 33Page - Analog Devices AD9874BST Datasheet HTML 34Page - Analog Devices AD9874BST Datasheet HTML 35Page - Analog Devices AD9874BST Datasheet HTML 36Page - Analog Devices AD9874BST Datasheet HTML 37Page - Analog Devices AD9874BST Datasheet HTML 38Page - Analog Devices AD9874BST Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
REV. 0
AD9874
–35–
VCO
25
23
24
PE
PC
PD
33
SYNCB
31
FS
29
28
DOUTA
CLKOUT
35
fREF
19
20
CLKP
CLKN
LOP
LON
43
42
IFIN
47
15
AD9874
MASTER
IOUTC
LOOP
FILTER
38
15
IOUTC
25
23
24
PE
PC
PD
35
LOP
LON
43
42
IFIN
47
31
FS
29
28
DOUTA
CLKOUT
33
SYNCB
TO
DSP
CLKP
CLKN
IOUTL
TO DSP
FROM
DSP
LOOP
FILTER
CVAR
RD
RF
CP
CZ
0.1 F
LOSC
RBIAS
COSC
TO OTHER
AD9874s
FROM
CRYSTAL
OSCILLATION
VDDC
TO OTHER
AD9874s
AD9874
SLAVE
19
20
fREF
Figure 28. Example of Synchronizing Multiple AD9874s
a higher fCLK is typically more desirable given a choice, since the
first IF’s filtering requirements often depend on the transition
region between the IF frequency and the image band (i.e.,
± fCLK/4 ).
Lastly, the output SSI clock rate, fCLKOUT, and digital driver
strength should be set to their lowest possible settings to mini-
mize the potential harmful effects of digital induced noise while
preserving a reliable data link to the DSP. Note, the SSICRA,
SSICRB, and SSIORD Registers (i.e., 0x18, 0x19, and 0x1A)
provide a large degree of flexibility for optimization of the SSI
interface.
Synchronization of Multiple AD9874s
Some applications such as receiver diversity and beam steering
may require two or more AD9874s operating in parallel while
maintaining synchronization. Figure 28 shows an example of how
multiple AD9874s can be cascaded, with one device serving as
the master and the other devices serving as the slaves. In this
example, all of the devices have the exact same SPI register con-
figuration since they share the same SPI interface to the DSP.
Since the state of each of the AD9874’s internal counters is
unknown upon initialization, synchronization of the devices is
required via a SYNCB pulse (see Figure 4) to synchronize their
digital filters and ensure precise time alignment of the data streams.
Although all of the devices’ synthesizers are enabled, the LO and
CLK signals for the slaves(s) are derived from the masters’ synthe-
sizers and are referenced to an external crystal oscillator. All of
the necessary external components (i.e., loop filters, varactor, LC,
and VCO) to ensure proper closed-loop operation of these
synthesizers are included.
Note, while the VCO output of the LO synthesizer is ac-coupled
to the slave’s LO input(s), all of the CLK inputs of the devices
must be dc-coupled if the AD9874’s CLK oscillators are enabled.
This is due to the dc current required by the CLK oscillators in
each device. In essence, these negative impedance cores are oper-
ating in parallel, increasing the effective Q of the LC resonator
circuit. Note, RBIAS should be sized such that the sum of the
oscillators’ dc bias currents maintains a common-mode voltage
of around 1.6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com