Electronic Components Datasheet Search
  English  ▼

X  

AD9874BST Datasheet(PDF) 31 Page - Analog Devices

Part # AD9874BST
Description  IF Digitizing Subsystem
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9874BST Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9874BST Datasheet HTML 27Page - Analog Devices AD9874BST Datasheet HTML 28Page - Analog Devices AD9874BST Datasheet HTML 29Page - Analog Devices AD9874BST Datasheet HTML 30Page - Analog Devices AD9874BST Datasheet HTML 31Page - Analog Devices AD9874BST Datasheet HTML 32Page - Analog Devices AD9874BST Datasheet HTML 33Page - Analog Devices AD9874BST Datasheet HTML 34Page - Analog Devices AD9874BST Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
REV. 0
AD9874
–31–
Figure 22b plots the nominal system NF with 16-bit output data
as a function of AGC in both narrow-band and wideband mode.
In wideband mode, the NF curve is virtually unchanged relative to
the 24-bit output data because the output SNR before truncation
is always less than the 96 dB SNR that 16-bit data can support.
15
8
14
13
12
11
10
9
SNR = 98.8dBFS
BW = 50kHz
BW = 150kHz
SNR = 83dBFS
SNR = 94.1dBFS
BW = 10kHz
SNR = 89.9dBFS
16
17
3
6
0
9
12
VGA ATTENUATION – dB
Figure 22b. Nominal System Noise Figure and Peak SNR
vs. AGCG Setting (fIF = 73.35 MHz, fCLK = 18 MSPS, and
16-bit I/Q data)
However, in narrow-band mode, where the output SNR approaches
or exceeds the SNR that can be supported with 16-bit data, the
degradation in system NF is more severe. Furthermore, if the
signal processing within the DSP adds noise at the level of an LSB,
the system noise figure can be degraded even more than Figure 22b
shows. For example, this could occur in a fixed 16-bit DSP whose
code is not optimized to process the AD9874’s 16-bit data with
minimal quantization effects. To limit the quantization effects
within the AD9874, the 24-bit data undergoes noise shaping just
prior to 16-bit truncation, thus reducing the in-band quantization
noise by 5 dB (with 2
oversampling). This explains why 98.8 dBFS
SNR performance is still achievable with 16-bit data in a 10 kHz BW.
APPLICATION CONSIDERATIONS
Frequency Planning
The LO frequency (and/or ADC clock frequency) must be chosen
carefully to prevent known internally generated spurs from mixing
down along with the desired signal, thus degrading the SNR
performance. The major sources of spurs in the AD9874 are the
ADC clock and digital circuitry operating at 1/3 of fCLK. Thus,
the clock frequency (fCLK) is the most important variable in
determining which LO (and therefore IF) frequencies are viable.
–60
–70
–80
–90
–50
0
250
300
200
150
100
50
LO FREQUENCY – MHz
Figure 23a. Total In-Band Noise + Spur Power with No Signal Applied as a Function of the LO Frequency
(fCLK = 18 MHz and Output Signal Bandwidth of 150 kHz)
–60
–70
–80
–90
–50
0
250
300
LO FREQUENCY – MHz
200
150
100
50
Figure 23b. Same as Figure 23a Excluding LO Frequencies Known to Produce Large In-Band Spurs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com