Electronic Components Datasheet Search
  English  ▼

X  

PE3C1377 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C1377
Description  2.92mm Male to 2.92mm Male Cable Using PE-SR405FL Coax
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C1377 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C1377 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C1377 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C1377 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C1377 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C1377 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
1
Shield Layer 1
Tinned Copper Braid
Outer Conductor Diameter
0.086 in [2.18 mm]
.
Connectors
Description
Connector 1
Connector 2
Type
2.92mm Male
2.92mm Male
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Beryllium Copper, Gold
Beryllium Copper
Contact Plating Specification
50µ in. minimum
50µ in. minimum
Dielectric Type
Ultem 1000
Ultem 1000
Coupling Nut Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
Coupling Nut Plating Specification
SAE-AMS-2700
SAE-AMS-2700
Hex Size
5/16 Inch
5/16 Inch
Body Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
Body Plating Specification
SAE-AMS-2700
SAE-AMS-2700
.
Compliance Certifications (visit www.Pasternack.com for current document)
For RoHS Compliant version, use PE3C1377LF. Contact Pasternack if product cannot be found.
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
PE3C1377 REV 1.3
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.92mm Male to 2.92mm Male Cable Using PE-SR405FL Coax PE3C1377
RF Cable Assemblies Technical Data Sheet
PE3C1377
2.92mm Male to 2.92mm Male Cable Using PE-SR405FL Coax



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com