Electronic Components Datasheet Search
  English  ▼

X  

PE3C1377 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C1377
Description  2.92mm Male to 2.92mm Male Cable Using PE-SR405FL Coax
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C1377 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C1377 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C1377 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C1377 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C1377 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C1377 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Configuration
• Connector 1: 2.92mm Male
• Connector 2: 2.92mm Male
• Cable Type: PE-SR405FL
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
40
GHz
VSWR
1.4:1
Velocity of Propagation
69.5
%
Capacitance
29 [95.14]
pF/ft [pF/m]
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
2.5
5
20
GHz
Insertion Loss (Max.)
0.3
0.48
1.1
dB/ft
[0.98]
[1.57]
[3.61]
[dB/m]
.
Mechanical Specifications
Cable Assembly
Diameter
0.312 in [7.92 mm]
.
Weight
0.028 lbs [12.7 g]
Cable
Cable Type
PE-SR405FL
Impedance
50 Ohms
Inner Conductor Type
Solid
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.92mm Male to 2.92mm Male Cable Using PE-SR405FL Coax PE3C1377
PE3C1377 REV 1.3
2.92mm Male to 2.92mm Male Cable Using PE-SR405FL Coax
RF Cable Assemblies Technical Data Sheet
PE3C1377


Similar Part No. - PE3C1377

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C1377-12 PASTERNACK-PE3C1377-12 Datasheet
843Kb / 5P
2.92mm Male to 2.92mm Male Cable 12 Inch Length Using PE-SR405FL Coax
PE3C1377-18 PASTERNACK-PE3C1377-18 Datasheet
844Kb / 5P
2.92mm Male to 2.92mm Male Cable 18 Inch Length Using PE-SR405FL Coax
PE3C1377-24 PASTERNACK-PE3C1377-24 Datasheet
843Kb / 5P
2.92mm Male to 2.92mm Male Cable 24 InchLength Using PE-SR405FL Coax
PE3C1377-36 PASTERNACK-PE3C1377-36 Datasheet
844Kb / 5P
2.92mm Male to 2.92mm Male Cable 36 Inch Length Using PE-SR405FL Coax
PE3C1377-48 PASTERNACK-PE3C1377-48 Datasheet
844Kb / 5P
2.92mm Male to 2.92mm Male Cable 48 Inch Length Using PE-SR405FL Coax
More results

Similar Description - PE3C1377

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C1377-6 PASTERNACK-PE3C1377-6 Datasheet
844Kb / 5P
2.92mm Male to 2.92mm Male Cable 6 Inch Length Using PE-SR405FL Coax
PE3C1377-12 PASTERNACK-PE3C1377-12 Datasheet
843Kb / 5P
2.92mm Male to 2.92mm Male Cable 12 Inch Length Using PE-SR405FL Coax
PE3C1377-18 PASTERNACK-PE3C1377-18 Datasheet
844Kb / 5P
2.92mm Male to 2.92mm Male Cable 18 Inch Length Using PE-SR405FL Coax
PE3C1377-24 PASTERNACK-PE3C1377-24 Datasheet
843Kb / 5P
2.92mm Male to 2.92mm Male Cable 24 InchLength Using PE-SR405FL Coax
PE3C1377-36 PASTERNACK-PE3C1377-36 Datasheet
844Kb / 5P
2.92mm Male to 2.92mm Male Cable 36 Inch Length Using PE-SR405FL Coax
PE3C1377-48 PASTERNACK-PE3C1377-48 Datasheet
844Kb / 5P
2.92mm Male to 2.92mm Male Cable 48 Inch Length Using PE-SR405FL Coax
PE3C1377-60 PASTERNACK-PE3C1377-60 Datasheet
844Kb / 5P
2.92mm Male to 2.92mm Male Cable 60 Inch Length Using PE-SR405FL Coax
PE3C1377LF PASTERNACK-PE3C1377LF Datasheet
843Kb / 5P
2.92mm Male to 2.92mm Male Cable Using PE-SR405FL Coax, RoHS
PE3C1377LF-36 PASTERNACK-PE3C1377LF-36 Datasheet
845Kb / 5P
2.92mm Male to 2.92mm Male Cable 36 InchLength Using PE-SR405FL Coax, RoHS
PE3C1377LF-48 PASTERNACK-PE3C1377LF-48 Datasheet
845Kb / 5P
2.92mm Male to 2.92mm Male Cable 48 Inch Length Using PE-SR405FL Coax, RoHS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com