Electronic Components Datasheet Search
  English  ▼

X  

PLB171 Datasheet(PDF) 1 Page - IXYS Corporation

Part # PLB171
Description  Single-Pole, Normally Closed OptoMOS Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PLB171 Datasheet(HTML) 1 Page - IXYS Corporation

  PLB171 Datasheet HTML 1Page - IXYS Corporation PLB171 Datasheet HTML 2Page - IXYS Corporation PLB171 Datasheet HTML 3Page - IXYS Corporation PLB171 Datasheet HTML 4Page - IXYS Corporation PLB171 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-PLB171-R02
1
PLB171
Single-Pole, Normally Closed
OptoMOS® Relay
Part #
Description
PLB171P
6-Pin (8-Pin Body) Flatpack (50/Tube)
PLB171PTR
6-Pin (8-Pin Body) Flatpack, Tape & Reel (1000/Reel)
Parameter
Rating
Units
Load Voltage
800
V
P
Load Current
80
mA
rms / mADC
On-Resistance (max)
55
Input Control Current
2
mA
Applications
Features
Description
Ordering Information
Pin Configuration
• Meters (Watt-Hour, Water, Gas)
• Industrial Controls
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Medical Equipment—Patient/Equipment Isolation
• 7mm Separation of Output Pins
• 800V
P Blocking Voltage
• 5000V
rms Input/Output Isolation
• Low Drive Power Requirements
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Surface Mount Package
• Flammability Rating UL 94 V-0
Switching Characteristics of
Normally Closed Devices
Approvals
• UL Certified Component: File E76270
• EN/IEC 60950 Certified Component:
TUV Certificate B 13 12 82667 003
Specially designed to provide 7mm of separation
between the two output pins, IXYS Integrated Circuits
Division's PLB171 is a single-pole, normally closed
(1-Form-B) Solid State Relay that uses optically
coupled MOSFET technology to provide an enhanced
input-to-output isolation of 5000V
rms.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient infrared LED.
The PLB171 is designed to replace, and offers
superior reliability over, electromechanical relays. This
device provides bounce-free switching in a compact
surface-mount package.
Form-B
I
F
10%
90%
I
LOAD
t
on
t
off
3
2
8
+ Control
– Control
NC
Load
Load
NC
5
1
4


Similar Part No. - PLB171

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
PLB171P IXYS-PLB171P Datasheet
122Kb / 5P
Single-Pole, Normally Closed
PLB171PTR IXYS-PLB171PTR Datasheet
122Kb / 5P
Single-Pole, Normally Closed
More results

Similar Description - PLB171

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCB110 IXYS-LCB110 Datasheet
123Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB111 IXYS-LCB111 Datasheet
105Kb / 5P
Single Pole, Normally Closed OptoMOS Relay
LCB120 IXYS-LCB120 Datasheet
123Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB127 IXYS-LCB127 Datasheet
159Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB710 IXYS-LCB710 Datasheet
127Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB716 IXYS-LCB716 Datasheet
123Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB717 IXYS-LCB717 Datasheet
132Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
CPC1333 IXYS-CPC1333 Datasheet
135Kb / 7P
Single-Pole Normally Closed OptoMOS Relay
PLB150 IXYS-PLB150 Datasheet
105Kb / 5P
Single Pole, Normally Closed OptoMOS Relay
LCB126 IXYS-LCB126 Datasheet
122Kb / 7P
Single Pole, Normally Closed OptoMOS Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com