Electronic Components Datasheet Search
  English  ▼

X  

PLB171 Datasheet(PDF) 2 Page - IXYS Corporation

Part # PLB171
Description  Single-Pole, Normally Closed OptoMOS Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PLB171 Datasheet(HTML) 2 Page - IXYS Corporation

  PLB171 Datasheet HTML 1Page - IXYS Corporation PLB171 Datasheet HTML 2Page - IXYS Corporation PLB171 Datasheet HTML 3Page - IXYS Corporation PLB171 Datasheet HTML 4Page - IXYS Corporation PLB171 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R02
PLB171
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to the
device. Functional operation of the device at conditions beyond
those indicated in the operational sections of this data sheet is
not implied.
Typical values are characteristic of the device at +25°C, and
are the result of engineering evaluations. They are provided for
information purposes only, and are not part of the manufacturing
testing requirements.
Absolute Maximum Ratings @ 25ºC
Parameter
Ratings
Units
Blocking Voltage
800
V
P
Reverse Input Voltage
5
V
Input Control Current
50
mA
Peak (10ms)
1
A
Input Power Dissipation 1
150
mW
Total Power Dissipation 2
800
mW
ESD, Human Body Model
8
kV
Isolation Voltage, Input to Output (60 Seconds)
5000
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 1.33 mW / ºC
2 Derate linearly 6.67 mW / ºC
Electrical Characteristics @ 25ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Load Current
Continuous 1
I
F=0mA
I
L
-
-
80
mA
rms / mADC
Peak
I
F=0mA , t=10ms
I
LPK
-
-
±250
mA
P
On-Resistance 2
I
F=0mA, IL= 10mA
R
ON
-
58
90
I
F=0mA, IL= 80mA
-
38
55
Off-State Leakage Current
I
F=5mA, VL=800VP
I
LEAK
--
1
A
Switching Speeds
Turn-On
I
F=5mA, IL=80mA
(See Timing Diagram)
t
on
-
0.42
5
ms
Turn-Off
t
off
-
0.5
5
Output Capacitance
I
F=2mA, VL=20VDC, f=1MHz
C
OUT
-8
-
pF
Input Characteristics
Input Control Current to Activate 3
I
L=80mA
I
F
-
0.2
2
mA
Input Control Current to Deactivate 3
I
F
50
-
-
A
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Common Characteristics
Input to Output Capacitance
V
IO=0, f=1MHz
C
IO
-3
-
pF
1 Load derates linearly from 80mA @ 25oC to 59mA @85oC.
2 Measurement taken within 1 second of on-time.
3 For applications requiring high temperature operation (greater than 60oC) a minimum LED drive current of 5mA is recommended.
Timing Diagram
10%
90%
t
off
t
on
0 mA
I
L
I
F
0 mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com