Electronic Components Datasheet Search
  English  ▼

X  

STM8S001J3 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM8S001J3
Description  16 MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I2C
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S001J3 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM8S001J3 Datasheet HTML 16Page - STMicroelectronics STM8S001J3 Datasheet HTML 17Page - STMicroelectronics STM8S001J3 Datasheet HTML 18Page - STMicroelectronics STM8S001J3 Datasheet HTML 19Page - STMicroelectronics STM8S001J3 Datasheet HTML 20Page - STMicroelectronics STM8S001J3 Datasheet HTML 21Page - STMicroelectronics STM8S001J3 Datasheet HTML 22Page - STMicroelectronics STM8S001J3 Datasheet HTML 23Page - STMicroelectronics STM8S001J3 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 84 page
background image
Pinouts and pin descriptions
STM8S001J3
20/84
DocID030584 Rev 2
5
Pinouts and pin descriptions
This section presents the pinouts and pin descriptions for STM8S001J3. Table 4 introduces
the legends and abbreviations that are used in the upcoming subsections.
5.1
STM8S001J3 SO8N pinout and pin description
Figure 3 presents the STM8S001J3 pinout image and Table 5 below presents the device’s
pins description.
Figure 3. STM8S001J3 SO8N pinout
1. [ ] Alternative function option (if the same alternate function is shown twice, it indicated an exclusive choice
and not a duplication of the function).
Table 4. Legend/abbreviations for STM8S001J3 pin description tables
Type
I = input, O = output, S = power supply
Level
Input
CM = CMOS
Output
HS = high sink
Output speed
O1 = slow (up to 2 MHz)
O2 = fast (up to 10 MHz)
O3 = fast/slow programmability with slow as default state after reset
O4 = fast/slow programmability with fast as default state after reset
Port and control
configuration
Input
float = floating, wpu = weak pull-up
Output
T = true open drain, OD = open drain, PP = push pull
Reset state
Bold x (pin state after internal reset release)
Unless otherwise specified, the pin state is the same during the reset phase
and after the internal reset release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com