Electronic Components Datasheet Search
  English  ▼

X  

UM2209 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM2209
Description  Getting Started with X-NUCLEO-OUT01A1 industrial digital output expansion board for STM32 Nucleo
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2209 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM2209 Datasheet HTML 7Page - STMicroelectronics UM2209 Datasheet HTML 8Page - STMicroelectronics UM2209 Datasheet HTML 9Page - STMicroelectronics UM2209 Datasheet HTML 10Page - STMicroelectronics UM2209 Datasheet HTML 11Page - STMicroelectronics UM2209 Datasheet HTML 12Page - STMicroelectronics UM2209 Datasheet HTML 13Page - STMicroelectronics UM2209 Datasheet HTML 14Page - STMicroelectronics UM2209 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
UM2209
Schematic diagrams
DocID030568 Rev 1
11/17
3
Schematic diagrams
Figure 6: Schematic diagram (1 of 2)
22nF/50V
22nF/50V
GNDdd
1
NC
2
3
GND1
36
TAB Vcc
GND2
33
34
GND3
GND4
35
100nF/50V
22nF/50V
47uF/10V
22nF/50V
2.2uF/50V MLCC
22nF/50V
22nF/50V
22nF/50V
22nF/50V
220nF/10V
10uF/63V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com