Electronic Components Datasheet Search
  English  ▼

X  

UM2209 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM2209
Description  Getting Started with X-NUCLEO-OUT01A1 industrial digital output expansion board for STM32 Nucleo
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2209 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM2209 Datasheet HTML 8Page - STMicroelectronics UM2209 Datasheet HTML 9Page - STMicroelectronics UM2209 Datasheet HTML 10Page - STMicroelectronics UM2209 Datasheet HTML 11Page - STMicroelectronics UM2209 Datasheet HTML 12Page - STMicroelectronics UM2209 Datasheet HTML 13Page - STMicroelectronics UM2209 Datasheet HTML 14Page - STMicroelectronics UM2209 Datasheet HTML 15Page - STMicroelectronics UM2209 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Schematic diagrams
UM2209
12/17
DocID030568 Rev 1
Figure 7: Schematic diagram (2 of 2)
Analog supply
10.5 V - 30 V
Arduino Connectors
Digital supply
7V - 12V
Morpho Connectors
PB10
PB4
PB5
PB3
PA2
PA3
PA0
PA1
PA4
PB0
PC1
PC0
PB8
PB9
PB6
PC7
ALTERNATE USE
ALTERNATE USE
ALTERNATE USE
ALTERNATE USE
DEFAULT
DEFAULTDEFAULT
DEFAULT
DEFAULT
DEFAULT
DEFAULT
DEFAULT
DEFAULT
DEFAULT
DEFAULT
DEFAULT
GND
3V3
Vcc supply
GND_DEC
AVDD
D4
GND
EARTH
VIN
VIN
A0
ISO_IN3
D0
A1
A2
A3
A4
ISO_SYNC
A5
ISO_IN2
ISO_OUT EN
ISO_IN6
ISO_IN4
D15
D14
D10
NRST
IOREF
5V
D8
ISO_IN1
D5
ISO_IN5
ISO_IN8
ISO_IN7
D9
D1
ISO_SYNC
ISO_OUT EN
D3
D6
ISO_IN5
ISO_IN6
D7
D2
D13
D12
D11
ISO_LOAD
NC1
D15
D14
D13
D12
D11
D10
AVDD
D9
D8
D0
D1
D2
D3
D4
D5
D6
D7
5V
NRST
NC1
IOREF
3V3
A2
A3
A4
A5
VIN
GND
A1
A0
GND_DEC
Vcc supply
ISO_IN8
ISO_IN7
ISO_IN6
ISO_IN5
ISO_IN4
ISO_IN3
ISO_IN2
ISO_IN1
ISO_LOAD
ISO_SYNC
ISO_OUT EN
EARTH
GND_DEC
Vcc supply
ISO_IN8
ISO_IN7
ISO_IN6
ISO_IN5
ISO_IN4
ISO_IN3
ISO_IN
ISO_IN1
ISO_LOAD
ISO_SYNC
ISO_OUT EN
3v3
3v3
C3
4.7nF/3kV N.M
D1
R6100R
CN9
CON8
1
2
3
4
5
6
7
8
D2
STPS1H100A
J2
M2VITE
1
2
J4
ISO_DRIVING
2
R8100R
CN5
CON10
1
2
3
4
5
6
7
8
9
10
C2
2.2uF/50V
R13100R
R10100R
D3
BAT48JFILM
R9100R
CN8
CON6
1
2
3
4
5
6
CN10
CON38
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
R3100R N.M.
R5100R N.M.
R1100R
R4100R N.M.
J1
Main voltage
1
2
R15100R
C4
10pF/10V
R2100R
CN6
CON8
1
2
3
4
5
6
7
8
C1
4.7nF/3kV N.M.
R11100R N.M.
R14100R
CN7
CON38
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
R12100R
R7100R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com