Electronic Components Datasheet Search
  English  ▼

X  

USBULC6-2N4 Datasheet(PDF) 7 Page - STMicroelectronics

Part # USBULC6-2N4
Description  Ultralow capacitance ESD protection for high speed interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBULC6-2N4 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button USBULC6-2N4 Datasheet HTML 2Page - STMicroelectronics USBULC6-2N4 Datasheet HTML 3Page - STMicroelectronics USBULC6-2N4 Datasheet HTML 4Page - STMicroelectronics USBULC6-2N4 Datasheet HTML 5Page - STMicroelectronics USBULC6-2N4 Datasheet HTML 6Page - STMicroelectronics USBULC6-2N4 Datasheet HTML 7Page - STMicroelectronics USBULC6-2N4 Datasheet HTML 8Page - STMicroelectronics USBULC6-2N4 Datasheet HTML 9Page - STMicroelectronics USBULC6-2N4 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
USBULC6-2N4
Recommendation on PCB assembly
Doc ID 18332 Rev 1
7/10
4
Recommendation on PCB assembly
4.1
Stencil opening design
1.
Reference design
a)
Stencil opening thickness: 100 µm
b)
Stencil opening for central exposed pad: Opening to footprint ratio is 50%.
c)
Stencil opening for leads: Opening to footprint ratio is 90%.
Figure 14.
Recommended stencil window position
4.2
Solder paste
1.
Halide-free flux qualification ROL0 according to ANSI/J-STD-004.
2.
“No clean” solder paste is recommended.
3.
Offers a high tack force to resist component movement during high speed.
4.
Solder paste with fine particles: powder particle size is 20-45 µm.
180 µm
Footprint
Footprint
T=100 µm and opening
ratio is 100%
580 µm
Stencil windo w
0.4
0.4
0.2
0.2
0.6
0.6
1.4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com