Electronic Components Datasheet Search
  English  ▼

X  

USBULC6-2N4 Datasheet(PDF) 4 Page - STMicroelectronics

Part # USBULC6-2N4
Description  Ultralow capacitance ESD protection for high speed interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBULC6-2N4 Datasheet(HTML) 4 Page - STMicroelectronics

  USBULC6-2N4 Datasheet HTML 1Page - STMicroelectronics USBULC6-2N4 Datasheet HTML 2Page - STMicroelectronics USBULC6-2N4 Datasheet HTML 3Page - STMicroelectronics USBULC6-2N4 Datasheet HTML 4Page - STMicroelectronics USBULC6-2N4 Datasheet HTML 5Page - STMicroelectronics USBULC6-2N4 Datasheet HTML 6Page - STMicroelectronics USBULC6-2N4 Datasheet HTML 7Page - STMicroelectronics USBULC6-2N4 Datasheet HTML 8Page - STMicroelectronics USBULC6-2N4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Ordering information scheme
USBULC6-2N4
4/10
Doc ID 18332 Rev 1
2
Ordering information scheme
Figure 10.
Ordering information scheme
Figure 8.
ESD response to IEC 61000-4-2
(+8 kV contact discharge) on one
output V(OUT) and one input V(IN)
Figure 9.
ESD response to IEC 61000-4-2
(-8 kV contact discharge) on one
output V(OUT) and one input V(IN)
20 V/div
20 ns/div
20 V/div
20 ns/div
USB
ULC
6
–2
N4
USB protection
Ultra low capacitance
Breakdown voltage
6 = 6 V
Number of lines
2 = 2 lines
Package
N4 = µQFN-4L



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com