Electronic Components Datasheet Search
  English  ▼

X  

AD9273 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9273
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9273 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9273 Datasheet HTML 16Page - Analog Devices AD9273 Datasheet HTML 17Page - Analog Devices AD9273 Datasheet HTML 18Page - Analog Devices AD9273 Datasheet HTML 19Page - Analog Devices AD9273 Datasheet HTML 20Page - Analog Devices AD9273 Datasheet HTML 21Page - Analog Devices AD9273 Datasheet HTML 22Page - Analog Devices AD9273 Datasheet HTML 23Page - Analog Devices AD9273 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
AD9273
Rev. B | Page 19 of 48
EQUIVALENT CIRCUITS
LI-x,
LG-x
AVDDx
15k
Ω
VCM
Figure 25. Equivalent LNA Input Circuit
LO-x,
LOSW-x
10
Ω
AVDDx
Figure 26. Equivalent LNA Output Circuit
10
Ω
10k
Ω
10k
Ω
CLK–
10
Ω
1.25V
CLK+
Figure 27. Equivalent Clock Input Circuit
SDIO
350
Ω
30k
Ω
AVDDx
Figure 28. Equivalent SDIO Input Circuit
DRVDD
DRGND
DOUTx–
DOUTx+
V
V
V
V
Figure 29. Equivalent Digital Output Circuit
SCLK, PDWN,
OR STBY
30k
Ω
1k
Ω
Figure 30. Equivalent SCLK, PDWN, or STBY Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com