Electronic Components Datasheet Search
  English  ▼

X  

AD9278BBCZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9278BBCZ
Description  Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9278BBCZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9278BBCZ Datasheet HTML 18Page - Analog Devices AD9278BBCZ Datasheet HTML 19Page - Analog Devices AD9278BBCZ Datasheet HTML 20Page - Analog Devices AD9278BBCZ Datasheet HTML 21Page - Analog Devices AD9278BBCZ Datasheet HTML 22Page - Analog Devices AD9278BBCZ Datasheet HTML 23Page - Analog Devices AD9278BBCZ Datasheet HTML 24Page - Analog Devices AD9278BBCZ Datasheet HTML 25Page - Analog Devices AD9278BBCZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
Data Sheet
AD9278
Rev. A | Page 21 of 44
Each LNA output is dc-coupled to a VGA input. The VGA
consists of an attenuator with a range of −42 dB, followed by an
amplifier with 21 dB/24 dB/27 dB/30 dB of gain. The X-AMP
gain interpolation technique results in low gain error and
uniform bandwidth, and differential signal paths minimize
distortion.
LNA FULL SCALE
(0.450V p-p SINGLE-ENDED)
LNA INPUT-REFERRED
NOISE FLOOR
(5.8µV rms) AT AAF BW = 15MHz
LNA + VGA NOISE = 1.5nV/ Hz
ADC FULL SCALE (2V p-p)
~10dB MARGIN
>11dB MARGIN
ADC NOISE FLOOR
(224µV rms)
MINIMUM GAIN
MAXIMUM GAIN
LNA
ADC
70dB
VGA GAIN RANGE > 45dB
MAX CHANNEL GAIN > 48dB
88dB
Figure 39. Gain Requirements of TGC Operation for a 12-Bit, 40 MSPS ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com