Electronic Components Datasheet Search
  English  ▼

X  

AD9731 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9731
Description  10-Bit, 170 MSPS, DAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9731 Datasheet(HTML) 2 Page - Analog Devices

  AD9731 Datasheet HTML 1Page - Analog Devices AD9731 Datasheet HTML 2Page - Analog Devices AD9731 Datasheet HTML 3Page - Analog Devices AD9731 Datasheet HTML 4Page - Analog Devices AD9731 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AD9731
3.1
Thermal Characteristics:
Thermal Resistance, SIDEBRAZED (D) Package
Junction-to-Case (
Θ
JC) = 12 °C/W Max
Junction-to-Ambient (
Θ
JA) = 40 °C/W Max
Thermal Resistance, BOTTOMBRAZED (F) Package
Junction-to-Case (
Θ
JC) = 22 °C/W Max
Junction-to-Ambient (
Θ
JA) = 66 °C/W Max
4.0
Electrical Table:
TABLE I
Parameter
See notes at end of table
Symbol
Conditions
Note 1
Sub­
group
Limit
Min
Limit
Max
Units
Differential Nonlinearity
DNL
1
1
LSB
2, 3
1.5
Integral Nonlinearity
INL
1
1
LSB
2, 3
1.5
Zero Scale Offset Error
IOS
1
70
μA
2, 3
100
Full Scale Gain Error (Note 2)
Ae
1, 2, 3
±5
% FS
Internal Reference Voltage
VREF
IREF = -50 μA to 500 μA
1
-1.35
-1.15
V
2, 3
-1.37
-1.13
Input Logic “1” Voltage
VIH
1, 2, 3
2
V
Input Logic “0” Voltage
VIL
1, 2, 3
0.8
Input Logic “1” Current
IIH
1, 2, 3
50
μA
Input Logic “0” Current
IIL
1, 2, 3
100
Positive Digital Supply Current
+IDIG
1
20
mA
2, 3
22
Negative Digital Supply Current
-IDIG
1
42
mA
2, 3
47
Negative Analog Supply Current
-IANA
1
53
mA
2, 3
66
NOTES:
1
+VS = +5V, -VS = -5.2V, Clock = 125 MHz, RSET = 1.96 KΩ for 20.4 mA IOUT, VREF =
-1.25V, unless otherwise specified.
2
Measured as an error in ratio of full-scale current to current through RSET (640
μA nominal); ratio
is nominally 32. DAC load is virtual ground.
ASD0011259 Rev. I | Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com