Electronic Components Datasheet Search
  English  ▼

X  

GTL16612DL Datasheet(PDF) 7 Page - NXP Semiconductors

Part # GTL16612DL
Description  18-bit GTL/GTL to LVTTL/TTL bidirectional universal translator (3-State)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL16612DL Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button GTL16612DL Datasheet HTML 3Page - NXP Semiconductors GTL16612DL Datasheet HTML 4Page - NXP Semiconductors GTL16612DL Datasheet HTML 5Page - NXP Semiconductors GTL16612DL Datasheet HTML 6Page - NXP Semiconductors GTL16612DL Datasheet HTML 7Page - NXP Semiconductors GTL16612DL Datasheet HTML 8Page - NXP Semiconductors GTL16612DL Datasheet HTML 9Page - NXP Semiconductors GTL16612DL Datasheet HTML 10Page - NXP Semiconductors GTL16612DL Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Philips Semiconductors
Product specification
GTL16612
18-bit GTL/GTL+ to LVTTL/TTL bidirectional
universal translator (3-State)
2002 Dec 13
7
AC CHARACTERISTICS (A PORT)
GND = 0 V; tr = tf = 2.5 ns; CL = 50 pF; RL = 500 Ω; Tamb = -40 to +85 °C.
GTL
GTL+
GTL16612 An Port
VCC = 3.3 V ±0.3 V
VCC = 3.3 V ±0.3 V
VREF = 0.8 V
VREF = 1.0 V
UNIT
SYMBOL
PARAMETER
WAVEFORM
MIN
TYP1
MAX
MIN
TYP1
MAX
tPLH
Bn to An
2
1.6
3.0
5.0
1.6
3.0
5.0
ns
tPHL
Bn to An
2
3.0
4.9
6.3
3.0
4.9
6.3
ns
tPLH
LEBA to An
3
1.6
2.7
4.2
1.6
2.7
4.2
ns
tPHL
LEBA to An
3
1.6
2.8
4.3
1.6
2.8
4.3
ns
tPLH
CPBA to An
1
1.9
3.4
4.7
1.9
3.4
4.7
ns
tPHL
CPBA to An
1
1.8
3.8
5.2
1.8
3.8
5.2
ns
tPZH
OEBA to An
5
1.5
2.6
4.2
1.5
2.6
4.2
ns
tPHZ
OEBA to An
5
1.4
2.9
4.8
1.4
2.9
4.8
ns
tPZL
OEBA to An
6
1.3
2.4
3.8
1.3
2.4
3.8
ns
tPLZ
OEBA to An
6
1.2
2.2
3.5
1.2
2.2
3.5
ns
NOTE:
1. Typical values are at VCC = 3.3 V, Tamb = +25 °C.
AC CHARACTERISTICS (B PORT)
GND = 0 V; tr = tf = 2.5 ns; CL = 30 pF; RL = 25 Ω; Tamb = -40 to +85 °C.
GTL
GTL+
GTL16612 Bn Port
VCC = 3.3 V ±0.3 V
VCC = 3.3 V ±0.3 V
VREF = 0.8 V
VREF = 1.0 V
UNIT
SYMBOL
PARAMETER
WAVEFORM
MIN
TYP1
MAX
MIN
TYP1
MAX
tPLH
An to Bn
2
1.4
2.4
3.7
1.3
2.4
3.7
ns
tPHL
An to Bn
2
1.3
2.5
4.0
1.4
2.6
4.2
ns
tPLH
LEAB to Bn
3
1.7
3.0
4.4
1.8
3.0
4.6
ns
tPHL
LEAB to Bn
3
2.1
3.5
5.4
2.3
3.6
5.5
ns
tPLH
CPAB to Bn
1
1.8
3.1
4.5
1.9
3.1
4.8
ns
tPHL
CPAB to Bn
1
2.3
3.6
5.4
2.4
3.8
5.8
ns
tPLH
OEAB to Bn
7
1.1
2.1
3.3
1.4
2.0
3.5
ns
tPHL
OEAB to Bn
7
1.6
2.8
4.4
1.0
2.9
4.5
ns
NOTE:
1. Typical values are at VCC = 3.3 V, Tamb = +25 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com