Electronic Components Datasheet Search
  English  ▼

X  

GTL16612DL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # GTL16612DL
Description  18-bit GTL/GTL to LVTTL/TTL bidirectional universal translator (3-State)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL16612DL Datasheet(HTML) 2 Page - NXP Semiconductors

  GTL16612DL Datasheet HTML 1Page - NXP Semiconductors GTL16612DL Datasheet HTML 2Page - NXP Semiconductors GTL16612DL Datasheet HTML 3Page - NXP Semiconductors GTL16612DL Datasheet HTML 4Page - NXP Semiconductors GTL16612DL Datasheet HTML 5Page - NXP Semiconductors GTL16612DL Datasheet HTML 6Page - NXP Semiconductors GTL16612DL Datasheet HTML 7Page - NXP Semiconductors GTL16612DL Datasheet HTML 8Page - NXP Semiconductors GTL16612DL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Philips Semiconductors
Product specification
GTL16612
18-bit GTL/GTL+ to LVTTL/TTL bidirectional
universal translator (3-State)
2
2002 Dec 13
FEATURES
• 18-bit bidirectional bus interface
• Translates between GTL/GTL+ logic levels (B ports) and
LVTTL/TTL logic levels (A ports)
• 5 V I/O tolerant on the LVTTL/TTL side (A ports)
• No bus current loading when LVTTL/TTL output is tied to 5 V bus
• 3-State buffers
• Output capability: +64 mA/-32 mA on the LVTTL/TTL side
(A ports); +40 mA on the GTL/GTL+ side (B ports)
• TTL input levels on control pins
• Power-up reset
• Power-up 3-State
• Positive edge triggered clock inputs
• Latch-up protection exceeds 500 mA per JESD78
• ESD protection exceeds 2000 V HBM per JESD22-A114,
200 V MM per JESD22-A115 and 1000 V CDM per JESD22-C101
DESCRIPTION
The GTL16612 is a high-performance BiCMOS product designed for
VCC operation at 3.3 V with I/O compatibility up to 5 V.
This device is an 18-bit universal transceiver featuring non-inverting
3-State bus compatible outputs in both send and receive directions.
Data flow in each direction is controlled by output enable (OEAB and
OEBA), latch enable (LEAB and LEBA), and clock (CPAB and
CPBA) inputs. For A-to-B data flow, the device operates in the
transparent mode when LEAB is High. When LEAB is Low, the A
data is latched if CPAB is held at a High or Low logic level. If LEAB
is Low, the A-bus data is stored in the latch/flip-flop on the
Low-to-High transition of CPAB. When OEAB is Low, the outputs are
active. When OEAB is High, the outputs are in the high-impedance
state. The clocks can be controlled with the clock-enable inputs
(CEBA/CEAB).
Data flow for B-to-A is similar to that of A-to-B but uses OEBA,
LEBA and CPBA.
QUICK REFERENCE DATA
CONDITIONS
TYPICAL
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25 °C
3.3 V
UNIT
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
CL = 50 pF
1.9
ns
CIN
Input capacitance (Control pins)
VI = 0 V or VCC
4
pF
CI/O
I/O pin capacitance
Outputs disabled; VI/O = 0 V or VCC
8
pF
ICCZ
Total supply current
Outputs disabled
12
mA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DWG NUMBER
56-Pin Plastic SSOP
-40 to +85
°C
GTL16612DL
SOT371-1
56-Pin Plastic TSSOP
-40 to +85
°C
GTL16612DGG
SOT364-1
Standard packing quantities and other packaging data is available at www.philipslogic.com/packaging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com