Electronic Components Datasheet Search
  English  ▼

X  

HT7627 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT7627
Description  PFM Step-up DC/DC Converter & Voltage Detector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7627 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT7627 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7627 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7627 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7627 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7627 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7627 Datasheet HTML 6Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Pin Description
Pin No.
Pin Name
I/O
Description
1, 3, 7
NC
¾
No connection
2
LX
I
Switching pin
4
VSS
¾
Negative power supply, ground
5
CP
I
External capacitor for adjusting VDET output delay time.
6
VDET
O
Voltage detector open drain output (needs a pull-high resistor)
8
VOUT
O
DC/DC converter voltage output
Absolute Maximum Ratings
Supply Voltage ............................ VSS
-0.3V to VSS+6V
Storage Temperature ..........................
-40°Cto125°C
Switching pin Voltage .................. VSS
-0.3V to VSS+6V
Operating Temperature .........................
-25°Cto70°C
Power Consumption ........................................ 150mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
Electrical Characteristics
Ta=25
°C, VOUT=2.7V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
¾
2.56
2.7
2.75
V
VIN
Input Voltage
¾¾
¾
5V
Vstart
Starting Voltage
L=330
mH, IL=1mA
¾
0.95
1.1
V
Vhold
Voltage Hold
¾
0.9
¾¾
V
Iin
Current Consumption
Measure at no load
¾
14
20
mA
ILX
LX Switching Current
VIN=1.5V
60
¾¾
mA
ILEAK
LX Leakage Current
¾¾
¾
1
mA
fOSC
Oscillator Frequency
VIN=1.5V
¾
139
¾
kHz
VDET
H
®L Detectable Voltage
¾
2.0
2.1
2.2
V
L
®H Detectable Voltage
¾
2.2
2.3
2.4
V
VHYS
Hysteresis Width
¾¾
0.2
¾
V
IDETOL
VDET Output Sink Current
VOUT=2.2V, VDET=0.2V
0.5
¾¾
mA
HT7627
Rev. 1.00
2
January 18, 2002
Functional Description
Operation of step-up DC/DC converter
The following figures show the basic circuit configura-
tion of the step-up operation of the IC. In the configura-
tion, when the transistor tr is entirely Off, the output
voltage is the value of the input voltage VIN minus the
voltage reduced by inductor L and Schottky diode SD.
When tr has been On for time ton and is suddenly turned
Off, voltage VL is generated at the edges of L because of
the energy accumulated during the ton period. There-
fore, the peak value of the voltage generated at that time
is VIN+VL, and it is stored in the output capacitor CL via
SD. This generates the step-up output voltage VOUT that
is larger than VIN.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com