Electronic Components Datasheet Search
  English  ▼

X  

HT7627 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT7627
Description  PFM Step-up DC/DC Converter & Voltage Detector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7627 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT7627 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7627 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7627 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7627 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7627 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7627 Datasheet HTML 6Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HT7627
Rev. 1.00
3
January 18, 2002
The operation will be explained with reference to the following diagrams:
Step1: tr is turned ON and current IL (=i1) flows, so that energy is charged in L. At this moment, IL (=i1) is increased
from ILmin to reach ILmax in proportion to the on-time period (ton)oftr.
Step2: When tr is turned OFF, Schottky diode (SD) is turned ON in order that L maintains IL at ILmax, so that current IL
(=i2) is released.
Step3: IL (=i2) is gradually decreased, IL reaches ILmin after a time period of topen, so that SD is turned OFF. tr will be
turned ON in the next cycle.
In the case of PWM control system, the output voltage is maintained constant by controlling the on-time period (ton),
with the oscillator frequency (fOSC) being maintained constant.
Voltage detector operation
The HT7627 built-in voltage detector is equipped with a high stability voltage reference which is connected to the nega-
tive of a comparator
¾ denoted as Vref in the following figure for NMOS output voltage detector.
When the voltage drop to the positive input of the comparator (i.e. VB) is higher than Vref, VOUT goes high, and VB is ex-
pressed as VBH=VDD
´ (RB+RC)/(RA+RB+RC). If VDD is decreased so that VB falls to a value less than Vref, the com-
parator output inverts from high to low, VOUT goes low, VC is high, RC is bypassed, and VB becomes: VBL=VDD
´
RB/(RA+RB), which is less than VBH. By so doing, the comparator output will remain low to prevent the circuit from oscil-
lating when VB
»Vref.
If VDD falls below the minimum operating voltage, the output becomes undefined. When VDD goes from low to VDD
´ RB
/(RA+RB) > Vref, the comparator output and VOUT goes high. The detectable voltage is defined as:
VDETECT (
-)=
RR
R
RR
AB
C
BC
++
+
´ Vref
The release voltage is defined as:
VDETECT (+)=
RR
R
R
AB
C
B
++
´ Vref
V I N
i 1
L
t r
S D
C L
V O U T
I O U T
i 2
I L
I L m i n
I L m a x
t o p e n
t
t f f
t o n
t = 1 / f O S C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com