Electronic Components Datasheet Search
  English  ▼

X  

FDMF5833 Datasheet(PDF) 9 Page - ON Semiconductor

Part # FDMF5833
Description  Smart Power Stage (SPS) Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF5833 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FDMF5833 Datasheet HTML 5Page - ON Semiconductor FDMF5833 Datasheet HTML 6Page - ON Semiconductor FDMF5833 Datasheet HTML 7Page - ON Semiconductor FDMF5833 Datasheet HTML 8Page - ON Semiconductor FDMF5833 Datasheet HTML 9Page - ON Semiconductor FDMF5833 Datasheet HTML 10Page - ON Semiconductor FDMF5833 Datasheet HTML 11Page - ON Semiconductor FDMF5833 Datasheet HTML 12Page - ON Semiconductor FDMF5833 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
www.onsemi.com
9
Typical Performance Characteristics
Test Conditions: VIN=12 V, VCC=PVCC=5 V, VOUT=1.8 V, LOUT=250 nH, TA=25°C and natural convection cooling,
unless otherwise noted.
Figure 16.
UVLO Threshold vs. Temperature
Figure 17.
PWM Threshold vs. Driver Supply Voltage
Figure 18.
PWM Threshold vs. Temperature
Figure 19.
ZCD# Threshold vs. Driver
Supply Voltage
Figure 20.
ZCD# Threshold vs. Temperature
Figure 21.
ZCD# Pull-Up Current vs. Temperature
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
-55
0
25
55
100
125
Driver IC Junction Temperature, TJ [oC]
UVLOUP
UVLODN
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.50
4.75
5.00
5.25
5.50
Driver Supply Voltage, VCC [V]
VIH_PWM
TA = 25°C
VTRI_HI
VTRI_LO
VIL_PWM
VHIZ_PWM
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-55
0
25
55
100
125
Driver IC Junction Temperature, TJ [oC]
VCC = 5V
VIH_PWM
VTRI_HI
VHIZ_PWM
VTRI_LO
VIL_PWM
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
4.50
4.75
5.00
5.25
5.50
Driver Supply Voltage, VCC [V]
VIH_ZCD#
VIL_ZCD#
TA = 25°C
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
-55
0
25
55
100
125
Driver IC Junction Temperature, TJ [oC]
VIH_ZCD#
VIL_ZCD#
VCC = 5V
0.1
0.12
0.14
0.16
0.18
0.2
0.22
-55
0
25
55
100
125
Driver IC Junction Temperature, TJ [oC]
VCC = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com