Electronic Components Datasheet Search
  English  ▼

X  

FDMF5833 Datasheet(PDF) 10 Page - ON Semiconductor

Part # FDMF5833
Description  Smart Power Stage (SPS) Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF5833 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FDMF5833 Datasheet HTML 6Page - ON Semiconductor FDMF5833 Datasheet HTML 7Page - ON Semiconductor FDMF5833 Datasheet HTML 8Page - ON Semiconductor FDMF5833 Datasheet HTML 9Page - ON Semiconductor FDMF5833 Datasheet HTML 10Page - ON Semiconductor FDMF5833 Datasheet HTML 11Page - ON Semiconductor FDMF5833 Datasheet HTML 12Page - ON Semiconductor FDMF5833 Datasheet HTML 13Page - ON Semiconductor FDMF5833 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
www.onsemi.com
10
Typical Performance Characteristics
Test Conditions: VIN=12 V, VCC=PVCC=5 V, VOUT=1.8 V, LOUT=250 nH, TA=25°C and natural convection cooling,
unless otherwise noted.
Figure 22.
EN Threshold vs. Driver Supply Voltage
Figure 23.
EN Threshold vs. Temperature
Figure 24.
EN Pull-Down Current vs. Temperature
Figure 25.
Boot Diode Forward Voltage
vs. Temperature
Figure 26.
Driver Shutdown Current
vs. Temperature
Figure 27.
Driver Quiescent Current vs. Temperature
1.0
1.2
1.4
1.6
1.8
2.0
2.2
4.50
4.75
5.00
5.25
5.50
Driver Supply Voltage, VCC [V]
VIH_EN
VIL_EN
TA = 25°C
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
-55
0
25
55
100
125
Driver IC Junction Temperature, TJ [oC]
VIH_EN
VIL_EN
VCC = 5V
0.37
0.38
0.39
0.4
0.41
0.42
0.43
-55
0
25
55
100
125
Driver IC Junction Temperature, TJ [oC]
VCC = 5V
300
350
400
450
500
-55
0
25
55
100
125
Driver IC Junction Temperature, TJ [oC]
IF = 10mA
-1
-0.5
0
0.5
1
1.5
2
2.5
-55
0
25
55
100
125
Driver IC Junction Temperature, TJ [oC]
PVCC & VCC = 5V, PWM = 0V, ZCD# = 0V, EN = 0V
0.9
0.95
1
1.05
1.1
1.15
1.2
1.25
-55
0
25
55
100
125
Driver IC Junction Temperature, TJ [oC]
PVCC & VCC = 5V, ZCD# = 5V, EN = 5V
PWM = 0V
PWM = 5V
PWM = Float



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com