Electronic Components Datasheet Search
  English  ▼

X  

ATA6824C Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATA6824C
Description  High Temperature H-bridge Motor Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6824C Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATA6824C Datasheet HTML 16Page - ATMEL Corporation ATA6824C Datasheet HTML 17Page - ATMEL Corporation ATA6824C Datasheet HTML 18Page - ATMEL Corporation ATA6824C Datasheet HTML 19Page - ATMEL Corporation ATA6824C Datasheet HTML 20Page - ATMEL Corporation ATA6824C Datasheet HTML 21Page - ATMEL Corporation ATA6824C Datasheet HTML 22Page - ATMEL Corporation ATA6824C Datasheet HTML 23Page - ATMEL Corporation ATA6824C Datasheet HTML 24Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
ATA6824C [DATASHEET]
9212G–AUTO–09/13
Dynamic Parameters
8.15
Propagation delay time,
low-side driver from high to
low
Figure 4-6 on page 12
VVBAT = 13.5V
26, 27
tLxHL
0.5
µs
A
8.16
Propagation delay time,
low-side driver from low to
high
VVBAT = 13.5V
26, 27
tLxLH
0.5 + tCC
µs
A
8.17 Fall time low-side driver
VVBAT = 13.5V
CGx = 5nF
26, 27
tLxf
0.5
µs
A
8.18 Rise time low-side driver
VVBAT = 13.5V
26, 27
tLxr
0.5
µs
A
8.19
Propagation delay time,
high-side driver from high
to low
Figure 4-6 on page 12
VVBAT = 13.5V
18, 20
tHxHL
0.5
µs
A
8.20
Propagation delay time,
high-side driver from low to
high
VVBAT = 13.5V
18, 20
tHxLH
0.5 + tCC
µs
A
8.21 Fall time high-side driver
VVBAT = 13.5V,
CGx = 5nF
18, 20
tHxf
0.5
µs
A
8.22 Rise time high-side driver VVBAT = 13.5V
18, 20
tHxr
0.5
µs
A
8.24 External resistor
4
RCC
5
k
D
8.25 External capacitor
4
CCC
5
nF
D
8.26
RON of tCC switching
transistor
4
RONCC
200
A
8.27 Cross conduction time(8)
RCC = 10k
CCC = 1nF
4
tCC
3.75
4.45
µs
A
8.28
Short circuit detection
voltage
(9)
17, 19
VSC
3.5
4
4.7
V
A
8.29 Short circuit blanking time (10)
17, 19
tSC
5
10
15
µs
A
9
Diagnostic Outputs DG1, DG2, DG3
9.1
Low level output current
VDG = 0.4V
(6)
14, 15,
16
IL
2
mA
A
9.2
High level output current
VDG = VCC – 0.4V
(6)
14, 15,
16
IH
0.8
mA
A
9.
Electrical Characteristics (Continued)
All parameters given are valid for VTHUV ≤ VVBAT ≤ VTHOV and for –40°C ≤ ambient ≤ 150°C unless stated otherwise.
No.
Parameters
Test Conditions
Pin
Symbol
Min
Typ
Max
Unit
Type*
* Type: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Notes: 1.
DIR, PWM = high
2.
The use of X7R material is recommended
3.
For higher values, stability at zero load is not guaranteed
4.
Tested during qualification only
5.
Value depends on T100; function tested with digital test pattern
6.
Tested during characterization only
7.
Supplied by charge pump
8.
See Section 4.9.1 “Cross Conduction Time” on page 11
9.
Voltage between source-drain of external switching transistors in active case
10. The short-circuit message will never be generated for switch-on time < tsc
11. See Figure 4-5 on page 9 “Definition of Bus Timing Parameters”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com