Electronic Components Datasheet Search
  English  ▼

X  

ATA6824C Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATA6824C
Description  High Temperature H-bridge Motor Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6824C Datasheet(HTML) 4 Page - ATMEL Corporation

  ATA6824C Datasheet HTML 1Page - ATMEL Corporation ATA6824C Datasheet HTML 2Page - ATMEL Corporation ATA6824C Datasheet HTML 3Page - ATMEL Corporation ATA6824C Datasheet HTML 4Page - ATMEL Corporation ATA6824C Datasheet HTML 5Page - ATMEL Corporation ATA6824C Datasheet HTML 6Page - ATMEL Corporation ATA6824C Datasheet HTML 7Page - ATMEL Corporation ATA6824C Datasheet HTML 8Page - ATMEL Corporation ATA6824C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ATA6824C [DATASHEET]
9212G–AUTO–09/13
4
2.
General Statement and Conventions
●
Parameter values given without tolerances are indicative only and not to be tested in production
●
Parameters given with tolerances but without a parameter number in the first column of parameter table are
“guaranteed by design” (mainly covered by measurement of other specified parameters). These parameters are not to
be tested in production. The tolerances are given if the knowledge of the parameter tolerances is important for the
application
●
The lowest power supply voltage is named GND
●
All voltage specifications are referred to GND if not otherwise stated
●
Sinking current means that the current is flowing into the pin (value is positive)
●
Sourcing current means that the current is flowing out of the pin (value is negative)
2.1
Related Documents
●
Qualification of integrated circuits according to Atmel® HNO procedure based on AEC-Q100
●
AEC-Q100-004 and JESD78 (Latch-up)
●
ESD STM 5.1-1998
●
CEI 801-2 (only for information regarding ESD requirements of the PCB)
24
VG
I/O
Blocking capacitor 470nF/25V/X7R
25
PBAT
I
Power supply (after reverse protection) for charge pump and H-bridge
26
L2
O
Gate voltage H-bridge, low-side 2
27
L1
O
Gate voltage H-bridge, low-side 1
28
PGND
I
Power ground for H-bridge and charge pump
29
VCC
O
5V/100 mA supply for microcontroller, blocking capacitor 2.2µF/10V/X7R
30
VBAT
I
Supply voltage for IC core (after reverse protection)
31
VBATSW
O
100
 PMOS switch from V
VBAT
32
TP2
–
Test pin to be connected to GND
Table 1-1.
Pin Description (Continued)
Pin
Symbol
I/O
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com