Electronic Components Datasheet Search
  English  ▼

X  

OP227 Datasheet(PDF) 4 Page - Analog Devices

Part # OP227
Description  Dual, Low-Offset Low Noise Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP227 Datasheet(HTML) 4 Page - Analog Devices

  OP227 Datasheet HTML 1Page - Analog Devices OP227 Datasheet HTML 2Page - Analog Devices OP227 Datasheet HTML 3Page - Analog Devices OP227 Datasheet HTML 4Page - Analog Devices OP227 Datasheet HTML 5Page - Analog Devices OP227 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TABLE I NOTES:
1/
VS = ±15V, unless otherwise specified
2/
Guaranteed but not tested.
3/
2
B)
I
(
A)
(I
IB
B
B
4/
Not tested post irradiation.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com