Electronic Components Datasheet Search
  English  ▼

X  

OP227 Datasheet(PDF) 3 Page - Analog Devices

Part # OP227
Description  Dual, Low-Offset Low Noise Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP227 Datasheet(HTML) 3 Page - Analog Devices

  OP227 Datasheet HTML 1Page - Analog Devices OP227 Datasheet HTML 2Page - Analog Devices OP227 Datasheet HTML 3Page - Analog Devices OP227 Datasheet HTML 4Page - Analog Devices OP227 Datasheet HTML 5Page - Analog Devices OP227 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Supply voltage (V ) ........................................................................................................±22 V dc CC
Input voltage range (V ) .................................................................................................. ±22 V dc IN
Output short circuit duration ............................................................................................... .Indefinite
Differential input current 2/ ....................................................................................................±25 mA
Differential input voltage range ..........................................................................................±0.7 V dc
Lead temperature (soldering, 60 seconds) ........................................................................... +300°C
Storage temperature range ..
……………………………………………………………-65°C to +150°C
Maximum power dissipation (PD) 3/ .....................................................................................500 mW
Junction Temperature (TJ)…………………………………………………………..………………150°C
NOTES:
1/
Unless otherwise specified, all voltages are referenced to ground.
2/
The inputs are protected by back-to-back diodes. Current limiting resistors are not used in order to achieve low noise. If differential input voltage
exceeds ±0.7 V, the input current should be limited to 25 mA.
3/
For T greater than 106°C, derate linearly at 11.3 mW/°C.
Thermal Resistance, Y (cerdip) Package
Junction-to-Case ( JC) = 29°C/W Max
Junction-to-Ambient ( JA) = 91°C/W Max
Thermal Resistance, M (cerpak) Package
Junction-to-Case ( JC) = 90°C/W Max
Junction-to-Ambient ( JA) = 150°C/W Max



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com