Electronic Components Datasheet Search
  English  ▼

X  

PE3C2013 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C2013
Description  7/16 DIN Male to 7/16 DIN Male LSZH Jacketed Low PIM Cable Using SR401FLJ Low PIM Coax with HeatShrink, RoHS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C2013 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C2013 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C2013 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C2013 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C2013 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C2013 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.5
1
5
GHz
Insertion Loss (Typ.)
0.05
0.08
0.19
dB/ft
[0.16]
[0.26]
[0.62]
[dB/m]
Power Handling
(Max.)
2,000
1,500
600
Watts
.
Electrical Specification Notes:
Insertion loss does not include the loss of the connectors.
Insertion loss is estimated as 0.05 x sqrt(fGHz) dB per connector.
Passive intermodulation is measured with two 20W tones at 1.8 GHz.
Mechanical Specifications
Cable Assembly
.
Weight
0.15 lbs [68.04 g]
Cable
Cable Type
PE-SR401FLJ Low PIM
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper, Silver
Dielectric Type
PTFE
Number of Shields
1
Outer Conductor Material and Plating
Tinned Copper Braid
Outer Conductor Diameter
0.25 in [6.35 mm]
Jacket Material
PVC LSZH
Jacket Diameter
0.276 in [7.01 mm]
.
Repeated Minimum Bend Radius
5 in [127 mm]
PE3C2013 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Male to 7/16 DIN Male LSZH Jacketed Low PIM Cable Using SR401FLJ Low PIM
Coax with HeatShrink, RoHS PE3C2013
RF Cable Assemblies Technical Data Sheet
PE3C2013
7/16 DIN Male to 7/16 DIN Male LSZH Jacketed Low PIM Cable
Using SR401FLJ Low PIM Coax with HeatShrink, RoHS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com