Electronic Components Datasheet Search
  English  ▼

X  

PE3C2013 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C2013
Description  7/16 DIN Male to 7/16 DIN Male LSZH Jacketed Low PIM Cable Using SR401FLJ Low PIM Coax with HeatShrink, RoHS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C2013 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C2013 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C2013 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C2013 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C2013 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C2013 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Configuration
• Connector 1: 7/16 DIN Male
• Connector 2: 7/16 DIN Male
• Cable Type: PE-SR401FLJ Low PIM
Features
• .141 and .250 Formable Cable
• LSZH (Low Smoke Zero Halogen) PVC Jacket
• PIM < -160 dBc for type N, 4.1/9.5 DIN, 7/16 DIN version
• PIM < -150 dBc for SMA versions
• > 100 dB RF Shielding
•
DC to 3 GHz and DC to 6 GHz Configurations
• 100% PIM and RF Tested
PE-SR401FLJ Low PIM
0.276
[7.01]
Applications
•
Communication Connectivity
Requirements
• Low PIM Applications
•
Test Equipment and Rack
Systems
• Low PIM Lab Testing
.
Description
Pasternack’s low PIM formable cable assemblies are built using high quality formable .141 and .250 inch filled braid coax.
These low PIM cable assemblies offer excellent passive intermodulation performance of -160dBc (-150dBc for SMA versions)
and are 100% RF and PIM tested at the time of production. Our low PIM cables use a protective low smoke zero halogen PVC
jacket material and make it ideal for environments where safety and reliability is needed. There are 16 low PIM cable assembly
configurations available including 4.1/9.5 Mini DIN, 7/16 DIN, type N and SMA series in 100cm and 200cm standard lengths.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.15:1
RF Shielding
100
dB
Passive Intermodulation
-160
dBc
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Male to 7/16 DIN Male LSZH Jacketed Low PIM Cable Using SR401FLJ Low PIM
Coax with HeatShrink, RoHS PE3C2013
PE3C2013 REV 1.1
7/16 DIN Male to 7/16 DIN Male LSZH Jacketed Low PIM Cable
Using SR401FLJ Low PIM Coax with HeatShrink, RoHS
RF Cable Assemblies Technical Data Sheet
PE3C2013


Similar Part No. - PE3C2013

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C2013-100CM PASTERNACK-PE3C2013-100CM Datasheet
448Kb / 3P
7/16 DIN Male to 7/16 DIN Male LSZH Jacketed Cable 100cm
PE3C2013-200CM PASTERNACK-PE3C2013-200CM Datasheet
448Kb / 3P
7/16 DIN Male to 7/16 DIN Male LSZH Jacketed Cable 200cm
More results

Similar Description - PE3C2013

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C2015-100CM PASTERNACK-PE3C2015-100CM Datasheet
449Kb / 3P
7/16 DIN Male to 7/16 DIN Female LSZH Jacketed Low PIM cable 100cm
PE3C2015-200CM PASTERNACK-PE3C2015-200CM Datasheet
449Kb / 3P
7/16 DIN Male to 7/16 DIN Female LSZH Jacketed Low PIM cable 100cm
PE3C2002 PASTERNACK-PE3C2002 Datasheet
366Kb / 4P
N Male to 7 - 16 DIN Male LSZH Jacketed Cable Using SR402FLJ Low PIM Coax, RoHS
PE3C2005 PASTERNACK-PE3C2005 Datasheet
365Kb / 4P
N Male to 7 - 16 DIN Female LSZH Jacketed Cable Using SR402FLJ Low PIM Coax, RoHS
PE3C2007 PASTERNACK-PE3C2007 Datasheet
366Kb / 4P
SMA Male to 7 - 16 DIN Male LSZH Jacketed Cable Using SR402FLJ Low PIM Coax, RoHS
PE3C2012 PASTERNACK-PE3C2012 Datasheet
366Kb / 4P
N Male to 7 - 16 DIN Male LSZH Jacketed Low PIM Cable Using SR401FLJ Low PIM Coax, RoHS
PE3C2014 PASTERNACK-PE3C2014 Datasheet
365Kb / 4P
N Male to 7 - 16 DIN Female LSZH Jacketed Low PIM Cable Using SR401FLJ Low PIM Coax, RoHS
PE3C2015 PASTERNACK-PE3C2015 Datasheet
367Kb / 4P
7 - 16 DIN Male to 7/16 DIN Female LSZH Jacketed Low PIM Cable Using SR401FLJ Low PIM Coax, RoHS
PE3C2003 PASTERNACK-PE3C2003 Datasheet
418Kb / 5P
7/16 DIN Male to 7/16 DIN Male LSZH Jacketed Low PIM Cable Using SR402FLJ Low PIM Coax with HeatShrink, RoHS
PE3C2011 PASTERNACK-PE3C2011 Datasheet
414Kb / 5P
N Male to N Male LSZH Jacketed Low PIM Cable Using SR401FLJ Low PIM Coax with HeatShrink, RoHS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com