Electronic Components Datasheet Search
  English  ▼

X  

AP3968 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP3968
Description  PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3968 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP3968 Datasheet HTML 1Page - Diodes Incorporated AP3968 Datasheet HTML 2Page - Diodes Incorporated AP3968 Datasheet HTML 3Page - Diodes Incorporated AP3968 Datasheet HTML 4Page - Diodes Incorporated AP3968 Datasheet HTML 5Page - Diodes Incorporated AP3968 Datasheet HTML 6Page - Diodes Incorporated AP3968 Datasheet HTML 7Page - Diodes Incorporated AP3968 Datasheet HTML 8Page - Diodes Incorporated AP3968 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AP3968/69/70
Document number: DS36759 Rev. 2 - 2
5 of 15
www.diodes.com
December 2013
© Diodes Incorporated
AP3968/69/70
A Product Line of
Diodes Incorporated
Electrical Characteristics (@VCC=15V, TJ=+25°C, unless otherwise specified.)
Symbol
Parameters
Conditions
Min
Typ
Max
Unit
UVLO SECTION
VON
Turn-on Voltage
–
13
15
17
V
VOFF
Turn-off Voltage
No drive Current
4.5
5.3
6.3
V
STANDBY CURRENT SECTION
IST
Start-up Current
VCC=VON-0.5V
–
0.2
0.6
μA
ICC
Operating Current
–
320
435
550
FEEDBACK INPUT SECTION
VFB
FB Threshold Voltage
–
4.23
4.3
4.37
V
IFB
FB Pin Input Current
VFB=4V
1.5
3.5
5.5
μA
POWER TRANSISTOR SECTION
VCE(SAT)
Collector-emitter Saturation Voltage
AP3968/69: IC=0.5A
AP3970: IC=1A
–
–
0.3
V
hFE
DC Current Gain
AP3968/69
14
17
–
–
AP3970
17
26
–
–
ICEO
Leakage Current
–
–
–
60
nA
OVER TEMPERATURE PROTECTION
TSHDN
Shutdown Temperature
–
+125
+160
–
°C
–
Temperature Hysteresis
–
–
+40
–
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com