Electronic Components Datasheet Search
  English  ▼

X  

AP3968 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3968
Description  PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3968 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3968 Datasheet HTML 1Page - Diodes Incorporated AP3968 Datasheet HTML 2Page - Diodes Incorporated AP3968 Datasheet HTML 3Page - Diodes Incorporated AP3968 Datasheet HTML 4Page - Diodes Incorporated AP3968 Datasheet HTML 5Page - Diodes Incorporated AP3968 Datasheet HTML 6Page - Diodes Incorporated AP3968 Datasheet HTML 7Page - Diodes Incorporated AP3968 Datasheet HTML 8Page - Diodes Incorporated AP3968 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AP3968/69/70
Document number: DS36759 Rev. 2 - 2
1 of 15
www.diodes.com
December 2013
© Diodes Incorporated
AP3968/69/70
A Product Line of
Diodes Incorporated
CPC
FB
VCC
CS
C
C
GND
1
2
3
4
7
6
5
1
2
3
4
8
7
6
5
CPC
FB
VCC
CS
C
C
GND
NC
PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Description
The AP3968/69/70 consists of a primary side regulation controller and
a high voltage transistor, and is specially designed for off-line power
supplies within 12W output power. Typical applications include
adapter for ADSL and auxiliary supplies.
The AP3968/69/70 operates at pulse frequency modulation (PFM),
and provides accurate constant voltage, constant current (CV/CC)
regulation without requiring an opto-coupler and secondary control
circuitry. It has internal cable compensation function for tight constant
voltage regulation.
The AP3968/69/70 solution has fewer component numbers, smaller
size, and lower total cost.
The AP3968 is packaged in SO-7. The AP3969 is available in PDIP-
7. The AP3970 is available in PDIP-7 and PDIP-8 packages.
Applications
Chargers
Adapters
Set Top Boxes
Auxiliary Supplies
DVD
LED Driver
Features
Primary Side Control for Eliminating Opto-coupler and Secondary
CV/CC Control Circuitry
Built-in NPN Transistor with 700VCBO
Low Start-up Current: 0.2
A (Typ.)
Internal Output Cable Voltage Drop Compensation
Random Frequency Modulation for Low EMI
Short Circuit Protection
Low Total Cost Solution
Output Power Range (Note 1):
AP3968 for 5W Adapter
AP3969 for 7.5W Adapter
AP3970 for 12W Adapter
Totally Lead-free & Fully RoHS Compliant (Note 2 & 3)
Halogen and Antimony Free.
“Green” Device (Note 4)
Notes:
1. Typical continuous power in a non-ventilated enclosed adapter measured at +50°C ambient.
2. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
3
. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
4. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Pin Assignments
(Top View)
SO-7 (M Package)
PDIP-7 (P7 Package)
PDIP-8 (P Package)
For AP3968
For AP3969/70
For AP3970
1
2
3
4
7
6
5
CPC
FB
VCC
CS
C
C
GND


Similar Part No. - AP3968

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3968 BCDSEMI-AP3968 Datasheet
639Kb / 15P
Primary Side Power Switcher for Off-line SMPS Low Total Cost Solution
AP3968M-G1 BCDSEMI-AP3968M-G1 Datasheet
639Kb / 15P
Primary Side Power Switcher for Off-line SMPS Low Total Cost Solution
AP3968MTR-G1 BCDSEMI-AP3968MTR-G1 Datasheet
639Kb / 15P
Primary Side Power Switcher for Off-line SMPS Low Total Cost Solution
More results

Similar Description - AP3968

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER12ADIP-E STMICROELECTRONICS-VIPER12ADIP-E Datasheet
452Kb / 21P
Low Power OFF-Line SMPS Primary Switcher
09-Jan-2006
logo
Holtek Semiconductor In...
HT7A6312 HOLTEK-HT7A6312 Datasheet
1Mb / 10P
Low Power Primary Switcher for Off Line SMPS
logo
Diodes Incorporated
AP3988 DIODES-AP3988 Datasheet
395Kb / 12P
PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 4
AP3983B DIODES-AP3983B Datasheet
598Kb / 13P
HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 4
AP3983E DIODES-AP3983E Datasheet
568Kb / 10P
HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 3
logo
Holtek Semiconductor In...
HT7A6312 HOLTEK-HT7A6312_15 Datasheet
1Mb / 10P
Low Power Primary Switcher for Off Line SMPS
HT7A6322 HOLTEK-HT7A6322 Datasheet
1Mb / 10P
Low Power Primary Switcher for Off Line SMPS
logo
Diodes Incorporated
AP3983BCD DIODES-AP3983BCD Datasheet
598Kb / 13P
HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 4
AP3984 DIODES-AP3984 Datasheet
758Kb / 15P
PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 3
AP3987CT DIODES-AP3987CT Datasheet
559Kb / 15P
HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev. 2 - 2 June 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com