Electronic Components Datasheet Search
  English  ▼

X  

AD625 Datasheet(PDF) 16 Page - Analog Devices

Part # AD625
Description  Programmable Gain Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD625 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD625 Datasheet HTML 8Page - Analog Devices AD625 Datasheet HTML 9Page - Analog Devices AD625 Datasheet HTML 10Page - Analog Devices AD625 Datasheet HTML 11Page - Analog Devices AD625 Datasheet HTML 12Page - Analog Devices AD625 Datasheet HTML 13Page - Analog Devices AD625 Datasheet HTML 14Page - Analog Devices AD625 Datasheet HTML 15Page - Analog Devices AD625 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AD625
REV. D
–15–
–15–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
16-Lead Plastic DIP (N-16)
16
18
9
PIN 1
0.755 (19.18)
0.745 (18.93)
0.26 (6.61)
0.24 (6.1)
SEATING
PLANE
0.17 (4.32)
MAX
0.02 (0.508)
0.015 (0.381)
0.175 (4.45)
0.12 (3.05)
0.065 (1.66)
0.045 (1.15)
0.015 (2.67)
0.095 (2.42)
0.14 (3.56)
0.12 (3.05)
0.012 (0.305)
0.008 (0.203)
0.306 (7.78)
0.294 (7.47)
20-Terminal Leadless Chip Carrier (E-20A)
1
20
4
9
8
13
19
14
3
18
BOTTOM
VIEW
0.040
45°
(1.02
45°)
REF 3 PLCS
0.050
(1.27)
0.350
0.008
(8.89
0.20) SQ
0.082
0.018
(2.085
0.455)
0.20
45°
(0.51
45°)
REF
0.025
0.003
(0.635
0.075)
16-Lead Ceramic DIP (D-16)
16
1
8
9
PIN 1
0.800
0.010
20.32
0.254
0.265
(6.73)
0.290
0.010
(7.37
0.254)
0.430
(10.922)
0.040R
0.310
0.01
7.874
0.254)
SEATING
PLANE
0.095 (2.41)
0.180
0.03
(4.57
0.762)
0.125 (3.175)
MIN
0.035
0.01
(0.889
0.254)
0.047
0.007
(1.19
0.18)
0.100 (254)
BSC
0.017
+0.003
–0.002
0.43
+0.076
–0.05
0.700 (17.78) BSC
0.085 (2.159)
0.010
0.002
(0.254
0.05)
0.300
(7.62)
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com