Electronic Components Datasheet Search
  English  ▼

X  

AD625 Datasheet(PDF) 3 Page - Analog Devices

Part # AD625
Description  Programmable Gain Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD625 Datasheet(HTML) 3 Page - Analog Devices

  AD625 Datasheet HTML 1Page - Analog Devices AD625 Datasheet HTML 2Page - Analog Devices AD625 Datasheet HTML 3Page - Analog Devices AD625 Datasheet HTML 4Page - Analog Devices AD625 Datasheet HTML 5Page - Analog Devices AD625 Datasheet HTML 6Page - Analog Devices AD625 Datasheet HTML 7Page - Analog Devices AD625 Datasheet HTML 8Page - Analog Devices AD625 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD625A/J/S
AD625B/K
AD625C
Model
Min Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
GAIN
Gain Equation
2 RF
RG
+ 1
2 RF
RG
+ 1
2 RF
RG
+ 1
Gain Range
1
10,000
1
10,000
1
110,000
Gain Error
1
±.035
0.05
±0.02
0.03
±0.01
0.02
%
Nonlinearity, Gain = 1-256
±0.005
±0.002
±0.001
%
Gain>256
±0.01
±0.008
±0.005
%
Gain vs. Temp. Gain<1000
1
5
5
5
ppm/
°C
GAIN SENSE INPUT
Gain Sense Current
300
500
150
250
50
100
nA
vs. Temperature
5
20
2
15
2
10
nA/
°C
Gain Sense Offset Current
150
500
75
250
50
100
nA
vs. Temperature
2
15
1
10
2
10
nA/
°C
VOLTAGE OFFSET (May be Nulled)
Input Offset Voltage
50
200
25
50
10
25
µV
vs. Temperature
1
2/2
0.25
0.50/1
0.1
0.25
µV/°C
Output Offset Voltage
4
5
2
3
1
2
mV
vs. Temperature
20
50/50
10
25/40
10
15
µV/°C
Offset Referred to the
Input vs. Supply
G = 1
70
75
75
85
80
90
dB
G = 10
85
95
90
100
95
105
dB
G = 100
95
100
105
110
110
120
dB
G = 1000
100
110
110
120
115
140
dB
INPUT CURRENT
Input Bias Current
±30
50
±20
25
±10
15
nA
vs. Temperature
±50
±50
±50
pA/
°C
Input Offset Current
± 2
35
± 1
15
± 1
5
nA
vs. Temperature
±20
±20
±20
pA/
°C
INPUT
Input Impedance
Differential Resistance
1
1
1
G
Ω
Differential Capacitance
4
4
4
pF
Common-Mode Resistance
1
1
1
G
Ω
Common-Mode Capacitance
4
4
4
pF
Input Voltage Range
Differ. Input Linear (VDL)
2
±10
±10
±10
V
Common-Mode Linear (VCM)
12 V – G
2
×V
D
(
)
12 V – G
2
×V
D
(
)
12 V – G
2
×V
D
(
)
Common-Mode Rejection Ratio dc to
60 Hz with 1 k
Ω Source Imbalance
G = 1
70
75
75
85
80
90
dB
G = 10
90
95
90
105
100
115
dB
G = 100
100
105
105
115
110
125
dB
G = 1000
110
115
110
125
120
140
dB
OUTPUT RATING
±10 V
±10 V
±10 V
@ 5 mA
@ 5 mA
@ 5 mA
DYNAMIC RESPONSE
Small Signal –3 dB
G = 1 (RF = 20 k
Ω)
650
650
650
kHz
G = 10
400
400
400
kHz
G = 100
150
150
150
kHz
G = 1000
25
25
25
kHz
Slew Rate
5.0
5.0
5.0
V/
µs
Settling Time to 0.01%, 20 V Step
G = 1 to 200
15
15
15
µs
G = 500
35
35
35
µs
G = 1000
75
75
75
µs
AD625–SPECIFICATIONS (typical @ V
S =
15 V, RL = 2 k
and TA = + 25 C, unless otherwise noted)
REV. D
–2–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com