Electronic Components Datasheet Search
  English  ▼

X  

AD625AD Datasheet(PDF) 7 Page - Analog Devices

Part # AD625AD
Description  Programmable Gain Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD625AD Datasheet(HTML) 7 Page - Analog Devices

Back Button AD625AD Datasheet HTML 3Page - Analog Devices AD625AD Datasheet HTML 4Page - Analog Devices AD625AD Datasheet HTML 5Page - Analog Devices AD625AD Datasheet HTML 6Page - Analog Devices AD625AD Datasheet HTML 7Page - Analog Devices AD625AD Datasheet HTML 8Page - Analog Devices AD625AD Datasheet HTML 9Page - Analog Devices AD625AD Datasheet HTML 10Page - Analog Devices AD625AD Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD625
REV. D
–6–
TEMPERATURE – C
40
–125
30
20
10
0
–10
–20
–30
–40
–75
–25
25
75
125
Figure 10. Input Bias Current vs.
Temperature
SUPPLY VOLTAGE –
V
8.0
0
6.0
4.0
2.0
0
510
15
20
Figure 13. Quiescent Current vs.
Supply Voltage
Figure 16. Low Frequency Voltage
Noise, G = 1 (System Gain = 1000)
+VS
–VS
AD625
10V
VOUT
Figure 11. Overrange and Gain
Switching Test Circuit (G = 8, G = 1)
FREQUENCY – Hz
1
1000
100
10
1
0.1
10
100
1k
10k
100k
G = 1
G = 10
G = 100, 1000
G = 1000
Figure 14. RTI Noise Spectral
Density vs. Gain
+VS
–VS
AD625
DUT
–VS
1/2
+VS
1/2
AD712
1 F
1 F
1 F
16.2k
100
G = 1000
G = 1, 10, 100
1k
1.62M
9.09k
1.82k
16.2k
AD712
Figure 17. Noise Test Circuit
Figure 12. Gain Overrange Recovery
FREQUENCY – Hz
100k
1
10k
1k
100
10
10
100
1k
10k
100k
Figure 15. Input Current Noise
Figure 18. Low Frequency Voltage
Noise, G = 1000 (System
Gain = 100,000)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com