Electronic Components Datasheet Search
  English  ▼

X  

AD625AD Datasheet(PDF) 8 Page - Analog Devices

Part # AD625AD
Description  Programmable Gain Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD625AD Datasheet(HTML) 8 Page - Analog Devices

Back Button AD625AD Datasheet HTML 4Page - Analog Devices AD625AD Datasheet HTML 5Page - Analog Devices AD625AD Datasheet HTML 6Page - Analog Devices AD625AD Datasheet HTML 7Page - Analog Devices AD625AD Datasheet HTML 8Page - Analog Devices AD625AD Datasheet HTML 9Page - Analog Devices AD625AD Datasheet HTML 10Page - Analog Devices AD625AD Datasheet HTML 11Page - Analog Devices AD625AD Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD625
REV. D
–7–
Figure 19. Large Signal Pulse
Response and Settling Time, G = 1
Figure 22. Large Signal Pulse
Response and Settling Time, G = 10
SETTLING TIME –
S
–12 TO 12
0
10
20
30
40
50
60
70
–8 TO 8
–4 TO 4
OUTPUT
STEP – V
4 TO –4
8 TO –8
12 TO –12
G = 1
G = 100
G = 1000
G = 1000
G = 100
G = 1
Figure 20. Settling Time to 0.01%
+VS
–VS
AD625
200
0.1%
500
0.1%
1k
0.1%
INPUT
20V p-p
100k
0.1%
10k
1%
1k
10T
10k
1%
VOUT
Figure 23. Settling Time Test Circuit
Figure 21. Large Signal Pulse
Response and Settling Time, G = 100
Figure 24. Large Signal Pulse
Response and Settling Time,
G = 1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com