Electronic Components Datasheet Search
  English  ▼

X  

SSD1850 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # SSD1850
Description  CMOS LCD Segment / Common Driver with Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1850 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button SSD1850 Datasheet HTML 22Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 23Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 24Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 25Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 26Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 27Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 28Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 29Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
SSD1850/51 Series
Rev 1.2
01/2003
SOLOMON
22
COMMAND TABLE
Hex
D7
D6
D5
D4
D3
D2
D1
D0
Command
Description
00~0F
0
0
0
0
C3
C2
C1
C0
Set Lower
Column Address
Set the lower nibble of the column
address pointer for RAM access. The
pointer is reset to 0 after rest.
10~17
0
0
0
1
0
C6
C5
C4
Set Upper
Column Address
Set the upper nibble of the column
address pointer for RAM access. The
pointer is reset to 0 after rest.
18~1F
Reserved
Reserved
20~27
0
0
1
0
0
R2
R1
R0
Set Internal
Regulator
Resistor Ratio
The internal regulator gain
(1+R2/R1)Vcon increases as R2R1R0
is increased from 000b to 111b. The
factor,
1+R2/R1, is given by:
R2R1R0 = 000: 2.3 (POR)
R2R1R0 = 001: 3.0
R2R1R0 = 010: 3.7
R2R1R0 = 011: 4.4
R2R1R0 = 100: 5.1
R2R1R0 = 101: 5.8
R2R1R0 = 110: 6.5
R2R1R0 = 111: 7.2
28~2F
0
0
1
0
1
VC
VR
VF
Set Power Control
Register
VC=0: turns OFF the internal voltage
booster (POR)
VC=1: turns ON the internal voltage
booster
VR=0: turns OFF the internal regulator
(POR)
VR=1: turns ON the internal regulator
VF=0: turns OFF the output op-amp
buffer (POR)
VF=1: turns ON the output op-amp
buffer
30~3F
Reserved
Reserved
40~43
0
X
1
L6
0
L5
0
L4
0
L3
0
L2
X
L1
X
L0
Set Display Start
Line
The next command specifies the row
address pointer (0-79) of the RAM data
to be displayed in COM0. This
command has no effect on ICONS. The
pointer is set to 0 after reset.
44~47
0
X
1
C6
0
C5
0
C4
0
C3
1
C2
X
C1
X
C0
Set Display Offset
The next command specifies the
mapping of first display line (COM0) to
one of ROW0~79 (SSD1851) or
(COM0) to one of ROW0~63
(SSD1850). This command has no
effect on ICONS. COM0 is mapped to
ROW0 after reset.
48~4B
0
X
1
D6
0
D5
0
D4
1
D3
0
D2
X
D1
X
D0
Set Multiplex
Ratio
The next command specifies the
number of lines, excluding ICONS, to
be displayed. With Icon is disabled
(POR), duties 1/16~1/80 (SSD1851) or
1/16~1/64 (SSD1850) could be
selected. With Icon enabled, the
available duty ratios are 1/17~ 1/81
(SSD1851) or 1/17~1/65 (SSD1850).
4C~4F
0
X
1
X
0
X
0
N4
1
N3
1
N2
X
N1
X
N0
Set N-line
Inversion
The next command sets the n-line
inversion register from 3 to 33 lines to
reduce display crosstalk. Register
values from 00001b to 11111b are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com