Electronic Components Datasheet Search
  English  ▼

X  

GWP7LP32.EM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GWP7LP32.EM
Description  DURIS S 10
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWP7LP32.EM Datasheet(HTML) 1 Page - OSRAM GmbH

  GWP7LP32.EM Datasheet HTML 1Page - OSRAM GmbH GWP7LP32.EM Datasheet HTML 2Page - OSRAM GmbH GWP7LP32.EM Datasheet HTML 3Page - OSRAM GmbH GWP7LP32.EM Datasheet HTML 4Page - OSRAM GmbH GWP7LP32.EM Datasheet HTML 5Page - OSRAM GmbH GWP7LP32.EM Datasheet HTML 6Page - OSRAM GmbH GWP7LP32.EM Datasheet HTML 7Page - OSRAM GmbH GWP7LP32.EM Datasheet HTML 8Page - OSRAM GmbH GWP7LP32.EM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2018-01-17
1
2018-01-17
DURIS S 10
Datasheet
Version 1.2
GW P7LP32.EM
DURIS® S 10, latest addition of chip-array SMD
family, creates a single spot light design with excellent
color uniformity appearance. In a 7.0x7.0mm footprint,
it’s new level of light output can reach up to 1500lm,
makes it a perfect choice for powerful & cost effective
general lighting solutions.
DURIS® S 10, latest addition of chip-array SMD
family, creates a single spot light design with excellent
color uniformity appearance. In a 7.0x7.0mm footprint,
it’s new level of light output can reach up to 1500lm,
makes it a perfect choice for powerful & cost effective
general lighting solutions.
Features:
Besondere Merkmale:
•
Package: white SMT package, colored diffused
silicone resin
•
Gehäusetyp: weißes SMT Gehäuse, farbiger
diffuser Silikon-Verguss
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
•
Color: 2700 K - 6500 K (white)
•
Farbe: 2700 K - 6500 K (weiß)
•
CRI: min. 80 ( typ. 82 )
•
CRI: min. 80 ( typ. 82 )
•
Luminous Flux: typ. 1446 lm @ 3000 K
•
Lichtstrom: typ. 1446 lm @ 3000 K
•
Luminous efficacy: typ. 127 lm/W @ 3000 K
•
Lichtausbeute: typ. 127 lm/W @ 3000 K
Applications
Anwendungen
•
Directional retrofits
•
Direktionale Retrofits
•
Downlights
•
Downlights
•
Omnidirectional retrofits
•
Omnidirektionale Retrofits
•
Spot lights
•
Spot-Leuchten


Similar Part No. - GWP7LP32.EM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWP7LP32.CM OSRAM-GWP7LP32.CM Datasheet
1Mb / 24P
white SMT package, colored diffused silicone resin
GWP7LP32.PM OSRAM-GWP7LP32.PM Datasheet
3Mb / 24P
Directional retrofits
GWP7LP32.PM-RTRU-XX51-1 OSRAM-GWP7LP32.PM-RTRU-XX51-1 Datasheet
3Mb / 24P
Directional retrofits
GWP7LP32.PM-RTRU-XX55-1 OSRAM-GWP7LP32.PM-RTRU-XX55-1 Datasheet
3Mb / 24P
Directional retrofits
GWP7LP32.PM-RUSP-XX52-1 OSRAM-GWP7LP32.PM-RUSP-XX52-1 Datasheet
3Mb / 24P
Directional retrofits
More results

Similar Description - GWP7LP32.EM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4805-EPU TRIQUINT-TGA4805-EPU Datasheet
213Kb / 6P
10 GB/s Differential Transimpedance Amplifier
logo
Texas Instruments
TNETX3100 TI1-TNETX3100 Datasheet
1Mb / 80P
ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
logo
Keysight Technologies
N4970A KEYSIGHT-N4970A Datasheet
2Mb / 6P
PRBS generator 10 Gb/s
logo
OSRAM GmbH
GTDASPA1.13 OSRAM-GTDASPA1.13_18 Datasheet
1Mb / 22P
DURIS P 5
GWT3LTF1.EM OSRAM-GWT3LTF1.EM Datasheet
4Mb / 20P
DURIS L 38
GWJCLPS2.CM OSRAM-GWJCLPS2.CM Datasheet
2Mb / 24P
DURIS E 3
logo
PHOENIX CONTACT
3056161 PHOENIX-3056161 Datasheet
92Kb / 4P
RWO 10/S
logo
ams AG
GWP7LM32.PM AMSCO-GWP7LM32.PM Datasheet
1Mb / 22P
DURIS® S 10, latest addition of chip-array SMD family, creates a single spot light design with excellent color uniformity appearance.
Version 1.2 2020-03-18
GWP9LR35.EM AMSCO-GWP9LR35.EM Datasheet
1Mb / 23P
The latest Duris® S 8 generation of LEDs offers an impressive efficacy performance combined with DLC Premium Lifetime achievement.
Version 1.1 2021-08-18
GWP9LR35.PM AMSCO-GWP9LR35.PM Datasheet
1Mb / 25P
The latest Duris® S 8 generation of LEDs offers an impressive efficacy performance combined with DLC Premium Lifetime achievement.
Version 1.10 2022-09-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com